Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-393SMB Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-393SMB
Description  GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-393SMB Datasheet(HTML) 1 Page - Tyco Electronics

  SW-393SMB Datasheet HTML 1Page - Tyco Electronics SW-393SMB Datasheet HTML 2Page - Tyco Electronics SW-393SMB Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SPST High Isolation Terminated Switch
0.5 - 2.0 GHz
SW-393
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
1
Features
• Terminated RF Output
• High Isolation: 42 dB up to 2.0 GHz
• Single Positive Control
• CMOS Compatible Logic
• SOIC-8 Plastic Package
Description
M/A-COM’s SW-393 is a GaAs monolithic SPST
terminated switch in a low cost SOIC 8-lead plastic
package.
The SW-393 is ideally suited for use
where low power consumption and high isolation are
required.
Typical applications include PCS and GSM LO
Switching, switch matrices and switched filter banks
in systems such as radio and cellular equipment.
The SW-393 is fabricated using a mature 1-micron
gate length GaAs MESFET process. The process
features
full
chip
passivation
for
increased
performance and reliability.
Ordering Information
1
Part Number
Package
SW-393-PIN
Bulk Packaging
SW-393TR
1000 piece reel
SW-393SMB
Sample Board
1. Reference Application Note M513 for reel size information.
Pin Configuration
4
Pin No.
Function
Pin No.
Function
1
GND
5
GND
2
RF1
6
CTL
3
GND
7
RF2
4
GND
8
GND
4. Blocking capacitors are required on all RF ports. VS can be
applied at RF1 or RF2 using 10K or greater pull-up resistors.
Functional Schematic
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power
+34 dBm
Operating Voltage (VS, VCTL)
+8.5 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Truth Table
5,6,7
Control
RF1 - RF2
0
Off
1
On
5.
“0” = 0 ± 0.2 VDC
6.
“1” = +5 ± 0.2 VDC
7.
Vs = +5 ± 0.2 VDC
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.


Similar Part No. - SW-393SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-393SMB MA-COM-SW-393SMB Datasheet
108Kb / 3P
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
More results

Similar Description - SW-393SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0024 MACOM-MASWSS0024 Datasheet
219Kb / 3P
SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
SW-475 MACOM-SW-475 Datasheet
91Kb / 4P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASWSS0121 MACOM-MASWSS0121 Datasheet
198Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASWSS0148 MACOM-MASWSS0148 Datasheet
218Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
MASWSS0121 MA-COM-MASWSS0121 Datasheet
117Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
SW-393 MA-COM-SW-393 Datasheet
108Kb / 3P
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
SW-394 MA-COM-SW-394 Datasheet
80Kb / 3P
GaAs SPDT High Isolation Terminated Switch 0.5 - 2.0 GHz
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch
MASWSS0148 MA-COM-MASWSS0148_15 Datasheet
624Kb / 5P
GaAs SPST High Isolation Terminated Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com