Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T55D Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # T55D
Description  4.5*4.5mm tact switch, thru hole or SMD, top or side actuated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

T55D Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  T55D Datasheet HTML 1Page - Apex Electronics Co., Ltd T55D Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Operating Force
Actuator Travel
Operating Temperature Range
Actuation Life Cycle
Voltage Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
0.25 mm
100,000(160g) ; 50,000 (250g)
50mA, 12VDC
250VAC for 1 minute
Materials
Materials
Base
Cover
Stem
Contact
Terminal
PA6T
Tin plated Steel
PA6T
Silver plated
Stainless Steel
Silver plated Brass
Part Name
Material
Multiple options of stems and force
Through hole or SMD
Top or side actuated
RoHS Compliant
Product Features
01
T55D Series
-30°C ~ 85°C
4.5*4.5mm tact switch, thru hole or SMD, top or side actuated
Specification
160 ~ 250 gram
Part Number
T55D
Series
Mounting & Terminal Style
VG Top actuated, gull-wing
VK Top actuated, kink
HS Side actuated, straight out
16 160g
25 250g
Force
Height “H”
38
3.8mm
43
4.3mm
48
4.8mm
50
5.0mm
60
6.0mm
70
7.0mm
90
80
120
110
100
130 13.0mm
12.0mm
11.0mm
10.0mm
9.0mm
8.0mm
Reel
B Bulk
Package
R
100mΩ max.
100 MΩ min @ 100VDC


Similar Part No. - T55D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55D106M035C0120 VISHAY-T55D106M035C0120 Datasheet
748Kb / 27P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
16-Aug-2023
T55D106M050C0090 VISHAY-T55D106M050C0090 Datasheet
585Kb / 22P
vPolyTanTM Polymer Surface Mount Chip Capacitors,
02-Nov-16
T55D106M050C0090 VISHAY-T55D106M050C0090 Datasheet
748Kb / 27P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
16-Aug-2023
T55D106M050C0120 VISHAY-T55D106M050C0120 Datasheet
585Kb / 22P
vPolyTanTM Polymer Surface Mount Chip Capacitors,
02-Nov-16
T55D106M050C0120 VISHAY-T55D106M050C0120 Datasheet
748Kb / 27P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
16-Aug-2023
More results

Similar Description - T55D

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KMS ITT-KMS Datasheet
74Kb / 3P
Microminiature Side Actuated Tact Switch for SMT
KSS ITT-KSS Datasheet
82Kb / 3P
Subminiature Side Actuated Tact Switch for SMT
logo
E-SWITCH
TL1015 E-SWITCH-TL1015 Datasheet
514Kb / 1P
TACT SWITCHS SMT - TOP ACTUATED
logo
C&K Components
PTS645VN13SMTR92LFS CK-COMPONENTS-PTS645VN13SMTR92LFS Datasheet
213Kb / 2P
6 mm SMT Side Actuated Tact Switch
KSC-V2 CK-COMPONENTS-KSC-V2 Datasheet
231Kb / 3P
Side Actuated Sealed Tact Switch
24 Nov 20
KT CK-COMPONENTS-KT Datasheet
318Kb / 5P
Full SMT Top & Side Actuated Sealed Tact Switch
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
RK CK-COMPONENTS-RK Datasheet
444Kb / 5P
Microminiature SMT Top Actuated Tact Switch
8 Apr 22
RKC2 CK-COMPONENTS-RKC2 Datasheet
351Kb / 3P
Microminiature SMT Top Actuated Tact Switch
19 Sep 22
logo
Apex Electronics Co., L...
T66E APEX-ELECTRONICS-T66E Datasheet
438Kb / 1P
6.0*6.0mm tact switch, radial taping, top actuated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com