Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T55D Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # T55D
Description  4.5*4.5mm tact switch, thru hole or SMD, top or side actuated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

T55D Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  T55D Datasheet HTML 1Page - Apex Electronics Co., Ltd T55D Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
02
T55D Series
4.5*4.5mm tact switch, thru hole or SMD, top or side actuated
T55DVG
T55DVK
T55DHS
4.5
7.5
ø2.4
8.1
5.5
PCB Layout
5.5
3 - ø0.9
4 - 0.7
4.5
ø2.4
5.5
3.0
PCB Layout
3 - 0.7
3.0
ø2.4
4.5
3.0
3 -
ø0.9
2.8
H
0.25
1.85
PCB Layout



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com