Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T64B Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # T64B
Description  6.0*3.5mm tact switch, side actuated, through hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

T64B Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  T64B Datasheet HTML 1Page - Apex Electronics Co., Ltd T64B Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Operating Force
Actuator Travel
Operating Temperature Range
Actuation Life Cycle
Voltage Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
0.25 mm
50,000(70 ~ 200g) ; 30,000 (250g)
50mA, 12VDC
250VAC for 1 minute
Materials
Materials
Base
Cover
Stem
Contact
Terminal
PA6T
Tin plated Steel
PA6T
Silver plated
Stainless Steel
Silver plated Brass
Part Name
Material
Rectangular packaging to save space
Multiple options of stems and force
Metal bracket to support side actuation
RoHS Compliant
Product Features
01
T64B Series
-30°C ~ 85°C
6.0*3.5mm tact switch, side actuated, through hole
Specification
70 ~ 320 gram
Part Number
T64B
Series
Length “L”
32 3.15 mm
39 3.85 mm
07
70g
16 160g
25 250g
Force
Supporting
M Mounting bracket
None
□
100mΩ max.
100 MΩ min @ 100VDC


Similar Part No. - T64B

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
T64B-2AB-P1N NORGREN-T64B-2AB-P1N Datasheet
297Kb / 2P
T64 - Olympian Plus plug-in system Shut-off & lockout valves
02/16
T64B-2AC-P1N NORGREN-T64B-2AC-P1N Datasheet
297Kb / 2P
T64 - Olympian Plus plug-in system Shut-off & lockout valves
02/16
T64B-2GB-P1N NORGREN-T64B-2GB-P1N Datasheet
297Kb / 2P
T64 - Olympian Plus plug-in system Shut-off & lockout valves
02/16
T64B-2GC-P1N NORGREN-T64B-2GC-P1N Datasheet
297Kb / 2P
T64 - Olympian Plus plug-in system Shut-off & lockout valves
02/16
T64B-3AB-P1N NORGREN-T64B-3AB-P1N Datasheet
297Kb / 2P
T64 - Olympian Plus plug-in system Shut-off & lockout valves
02/16
More results

Similar Description - T64B

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KMS ITT-KMS Datasheet
74Kb / 3P
Microminiature Side Actuated Tact Switch for SMT
KSS ITT-KSS Datasheet
82Kb / 3P
Subminiature Side Actuated Tact Switch for SMT
logo
C&K Components
PTS645VN13SMTR92LFS CK-COMPONENTS-PTS645VN13SMTR92LFS Datasheet
213Kb / 2P
6 mm SMT Side Actuated Tact Switch
KSF CK-COMPONENTS-KSF_V01 Datasheet
131Kb / 2P
Soft Actuated Tact Switch
2017
KSC-V2 CK-COMPONENTS-KSC-V2 Datasheet
231Kb / 3P
Side Actuated Sealed Tact Switch
24 Nov 20
KSFKSFI CK-COMPONENTS-KSFKSFI Datasheet
130Kb / 2P
Soft Actuated Tact Switch
26 jul 16
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
PTS845 CK-COMPONENTS-PTS845 Datasheet
183Kb / 2P
4.5x3.4mm SMT Side Actuated Tact
14 Nov 22
PTS847 CK-COMPONENTS-PTS847 Datasheet
467Kb / 5P
4.6x2.2mm SMT Side Actuated Tact
14 Nov 22
logo
Apex Electronics Co., L...
T66E APEX-ELECTRONICS-T66E Datasheet
438Kb / 1P
6.0*6.0mm tact switch, radial taping, top actuated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com