Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T64B Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # T64B
Description  6.0*3.5mm tact switch, side actuated, through hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

T64B Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  T64B Datasheet HTML 1Page - Apex Electronics Co., Ltd T64B Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
02
T64B Series
6.0*3.5mm tact switch, side actuated, through hole
T64B_ _ _
T64B_ _ _ M
6.0
2 - 0.5
5.0
3.0
7.2
0.3
H
5.0
2 -
ø0.8
PCB Layout
2 -
ø0.8
3.0
7.3
2 - 0.5
5.0
7.0
0.3
2.5
1.0
6.0
H
5.0
7.0
2 -
ø1.5
PCB Layout



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com