Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T64C Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # T64C
Description  5.9*4.0mm tact switch, SMD, top actuated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

T64C Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  T64C Datasheet HTML 1Page - Apex Electronics Co., Ltd T64C Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
01
T64C Series
5.9*4.0mm tact switch, SMD, top actuated
Operating Force
Actuator Travel
Operating Temperature Range
Actuation Life Cycle
Voltage Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
0.25 mm
30,000, 100,000
50mA, 12VDC
250VAC for 1 minute
Materials
Materials
Base
Cover
Stem
Contact
Terminal
PA6T
Silver plated
Phosphor Bronze
Silicone Rubber
Silver plated
Stainless Steel
Silver plated
Copper Alloy
Part Name
Material
Soft silicone rubber actuator
Normally open or close
SMD, Gull-wing terminals
RoHS Compliant
Product Features
-30°C ~ 85°C
Specification
160, 250 gram
Part Number
T64C
Series
Life Cycle
03 30,000 cycles
10 100,000 cycles
16 160g
25 250g
Force
[ ] Normally open
C Normally close
Function
100mΩ max.
100 MΩ min @ 100VDC
Reel
B Bulk
Package
R


Similar Part No. - T64C

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
T64 NORGREN-T64 Datasheet
297Kb / 2P
T64 - Olympian Plus plug-in system Shut-off & lockout valves
02/16
logo
Magnetrol International...
T64-4E2H-JDE MAGNETROL-T64-4E2H-JDE Datasheet
283Kb / 24P
Side Mounting Liquid Level Controls
logo
Motorola, Inc
T6400 MOTOROLA-T6400 Datasheet
90Kb / 2P
TRIACS
logo
Digitron Semiconductors
T6400 DIGITRON-T6400 Datasheet
146Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
T6400 NJSEMI-T6400 Datasheet
95Kb / 2P
Triacs Silicon Bidirectional Triode Thyristors
More results

Similar Description - T64C

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KMS ITT-KMS Datasheet
74Kb / 3P
Microminiature Side Actuated Tact Switch for SMT
logo
E-SWITCH
TL1015 E-SWITCH-TL1015 Datasheet
514Kb / 1P
TACT SWITCHS SMT - TOP ACTUATED
logo
C&K Components
KSF CK-COMPONENTS-KSF_V01 Datasheet
131Kb / 2P
Soft Actuated Tact Switch
2017
KSC-V2 CK-COMPONENTS-KSC-V2 Datasheet
231Kb / 3P
Side Actuated Sealed Tact Switch
24 Nov 20
KSFKSFI CK-COMPONENTS-KSFKSFI Datasheet
130Kb / 2P
Soft Actuated Tact Switch
26 jul 16
KT CK-COMPONENTS-KT Datasheet
318Kb / 5P
Full SMT Top & Side Actuated Sealed Tact Switch
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
RK CK-COMPONENTS-RK Datasheet
444Kb / 5P
Microminiature SMT Top Actuated Tact Switch
8 Apr 22
RKC2 CK-COMPONENTS-RKC2 Datasheet
351Kb / 3P
Microminiature SMT Top Actuated Tact Switch
19 Sep 22
logo
Apex Electronics Co., L...
T66E APEX-ELECTRONICS-T66E Datasheet
438Kb / 1P
6.0*6.0mm tact switch, radial taping, top actuated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com