Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T64D Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # T64D
Description  6.3*4.3mm tact switch, SMD, side actuated
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

T64D Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  T64D Datasheet HTML 1Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
01
T64D Series
6.3*4.3mm tact switch, SMD, side actuated
Operating Force
Actuator Travel
Operating Temperature Range
Actuation Life Cycle
Voltage Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
0.3mm
50,000(250g) ; 30,000 (>300g)
50mA, 12VDC
100 MΩ min @ 100VDC
250VAC for 1 minute
100mΩ max.
Materials
Materials
Base
Cover
Stem
Contact
Terminal
PA6T
Tin plated Steel
PA66
Silver plated
Phosphor Bronze
Silver plated Brass
Part Name
Material
Multiple options of stems & force
Side actuation
Bracket to increase soldering area
RoHS Compliant
Product Features
-30°C ~ 85°C
Specification
250 ~ 400 gram
Diagram
T64D
Series
25 250g
32 320g
40 400g
Force
7.8
6.3
②
0.75
①
4.0
4.6
①
②
H
4.3
2.0
2.55
5.3
4.95
5.85
8.75
PCB Layout
31 3.1mm
44 4.4mm
Stem Height
Reel
B Bulk
Package
R


Similar Part No. - T64D

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
T64 NORGREN-T64 Datasheet
297Kb / 2P
T64 - Olympian Plus plug-in system Shut-off & lockout valves
02/16
logo
Magnetrol International...
T64-4E2H-JDE MAGNETROL-T64-4E2H-JDE Datasheet
283Kb / 24P
Side Mounting Liquid Level Controls
logo
Motorola, Inc
T6400 MOTOROLA-T6400 Datasheet
90Kb / 2P
TRIACS
logo
Digitron Semiconductors
T6400 DIGITRON-T6400 Datasheet
146Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
T6400 NJSEMI-T6400 Datasheet
95Kb / 2P
Triacs Silicon Bidirectional Triode Thyristors
More results

Similar Description - T64D

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KMS ITT-KMS Datasheet
74Kb / 3P
Microminiature Side Actuated Tact Switch for SMT
KSS ITT-KSS Datasheet
82Kb / 3P
Subminiature Side Actuated Tact Switch for SMT
logo
C&K Components
PTS645VN13SMTR92LFS CK-COMPONENTS-PTS645VN13SMTR92LFS Datasheet
213Kb / 2P
6 mm SMT Side Actuated Tact Switch
KSF CK-COMPONENTS-KSF_V01 Datasheet
131Kb / 2P
Soft Actuated Tact Switch
2017
KSC-V2 CK-COMPONENTS-KSC-V2 Datasheet
231Kb / 3P
Side Actuated Sealed Tact Switch
24 Nov 20
KSFKSFI CK-COMPONENTS-KSFKSFI Datasheet
130Kb / 2P
Soft Actuated Tact Switch
26 jul 16
KT CK-COMPONENTS-KT Datasheet
318Kb / 5P
Full SMT Top & Side Actuated Sealed Tact Switch
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
PTS845 CK-COMPONENTS-PTS845 Datasheet
183Kb / 2P
4.5x3.4mm SMT Side Actuated Tact
14 Nov 22
PTS847 CK-COMPONENTS-PTS847 Datasheet
467Kb / 5P
4.6x2.2mm SMT Side Actuated Tact
14 Nov 22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com