Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55015-E Datasheet(PDF) 19 Page - STMicroelectronics

Part # PD55015-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015-E Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PD55015-E Datasheet HTML 15Page - STMicroelectronics PD55015-E Datasheet HTML 16Page - STMicroelectronics PD55015-E Datasheet HTML 17Page - STMicroelectronics PD55015-E Datasheet HTML 18Page - STMicroelectronics PD55015-E Datasheet HTML 19Page - STMicroelectronics PD55015-E Datasheet HTML 20Page - STMicroelectronics PD55015-E Datasheet HTML 21Page - STMicroelectronics PD55015-E Datasheet HTML 22Page - STMicroelectronics PD55015-E Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
PD55015-E, PD55015S-E
Common source s-parameter
19/27
7.5
PD55015 (VDS = 12.5V IDS = 1.2A)
Table 11.
S-parameter
FREQ
IS11IS11
∠Φ
IS21IS21
∠Φ
IS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.837
-171
11.65
85
0.015
0
0.845
-173
100
0.882
-174
5.65
79
0.014
-6
0.848
-176
150
0.904
-177
3.81
75
0.014
-7
0.848
-177
200
0.913
-178
2.82
71
0.014
-10
0.858
-178
250
0.915
-179
2.22
66
0.014
-12
0.859
-178
300
0.919
-173
1.82
61
0.012
-13
0.869
-179
350
0.924
179
1.52
56
0.012
-16
0.875
-179
400
0.928
179
1.30
52
0.011
-17
0.880
-179
450
0.931
178
1.11
48
0.011
-17
0.890
-180
500
0.934
178
0.97
44
0.010
-16
0.897
180
550
0.938
177
0.86
40
0.009
-15
0.902
179
600
0.943
176
0.75
37
0.008
-15
0.911
179
650
0.945
176
0.68
34
0.007
-10
0.916
178
700
0.948
175
0.61
31
0.007
-5
0.919
178
750
0.950
174
0.55
28
0.006
0
0.924
177
800
0.953
174
0.50
26
0.006
6
0.925
177
850
0.954
173
0.46
23
0.006
12
0.932
176
900
0.954
172
0.42
21
0.006
22
0.937
176
950
0.959
172
0.39
19
0.006
26
0.939
175
1000
0.959
171
0.36
17
0.006
36
0.938
174
1050
0.959
170
0.33
14
0.007
36
0.947
174
1100
0.960
170
0.31
12
0.006
43
0.948
173
1150
0.960
169
0.29
11
0.006
48
0.946
173
1200
0.962
169
0.27
9
0.007
53
0.947
172
1250
0.961
168
0.25
6
0.008
59
0.950
172
1300
0.961
167
0.24
4
0.009
63
0.954
171
1350
0.961
167
0.22
2
0.009
62
0.949
170
1400
0.959
166
0.21
1
0.009
67
0.952
170
1450
0.959
166
0.19
-1
0.010
72
0.949
169
1500
0.955
165
0.18
-1
0.010
80
0.947
169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com