Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55015-E Datasheet(PDF) 23 Page - STMicroelectronics

Part # PD55015-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015-E Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PD55015-E Datasheet HTML 19Page - STMicroelectronics PD55015-E Datasheet HTML 20Page - STMicroelectronics PD55015-E Datasheet HTML 21Page - STMicroelectronics PD55015-E Datasheet HTML 22Page - STMicroelectronics PD55015-E Datasheet HTML 23Page - STMicroelectronics PD55015-E Datasheet HTML 24Page - STMicroelectronics PD55015-E Datasheet HTML 25Page - STMicroelectronics PD55015-E Datasheet HTML 26Page - STMicroelectronics PD55015-E Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
PD55015-E, PD55015S-E
Package mechanical data
23/27
Note:
Resin protrusions not included (max value: 0.15 mm per side)
Figure 30.
Package dimensions
Table 14.
PowerSO-10RF Straight Lead Mechanical data
Dim.
mm.
Inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A1
1.62
1.67
1.72
0.064
0.065
0.068
A2
3.4
3.5
3.6
0.134
0.137
0.142
A3
1.2
1.3
1.4
0.046
0.05
0.054
A4
0.15
0.2
0.25
0.005
0.007
0.009
a0.2
0.007
b
5.4
5.53
5.65
0.212
0.217
0.221
c
0.23
0.27
0.32
0.008
0.01
0.012
D
9.4
9.5
9.6
0.370
0.374
0.377
D1
7.4
7.5
7.6
0.290
0.295
0.298
E
15.15
15.4
15.65
0.595
0.606
0.615
E1
9.3
9.4
9.5
0.365
0.37
0.375
E2
7.3
7.4
7.5
0.286
0.292
0.294
E3
5.9
6.1
6.3
0.231
0.24
0.247
F0.5
0.019
G1.2
0.047
R1
0.25
0.01
R2
0.8
0.031
T1
6 deg
6 deg
T2
10 deg
10 deg
CRITICAL DIMENSIONS:
- Overall width (L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com