Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SM122HZB1VD-R Datasheet(PDF) 10 Page - Solid State System Co., Ltd.

Part # 3SM122HZB1VD-R
Description  MEMS Microphone IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3S [Solid State System Co., Ltd.]
Direct Link  http://www.3system.com.tw/
Logo 3S - Solid State System Co., Ltd.

3SM122HZB1VD-R Datasheet(HTML) 10 Page - Solid State System Co., Ltd.

Back Button 3SM122HZB1VD-R Datasheet HTML 6Page - Solid State System Co., Ltd. 3SM122HZB1VD-R Datasheet HTML 7Page - Solid State System Co., Ltd. 3SM122HZB1VD-R Datasheet HTML 8Page - Solid State System Co., Ltd. 3SM122HZB1VD-R Datasheet HTML 9Page - Solid State System Co., Ltd. 3SM122HZB1VD-R Datasheet HTML 10Page - Solid State System Co., Ltd. 3SM122HZB1VD-R Datasheet HTML 11Page - Solid State System Co., Ltd. 3SM122HZB1VD-R Datasheet HTML 12Page - Solid State System Co., Ltd. 3SM122HZB1VD-R Datasheet HTML 13Page - Solid State System Co., Ltd. 3SM122HZB1VD-R Datasheet HTML 14Page - Solid State System Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Version 1.3
Date: 2023-04-19
- 10 -
MEMS Microphone IC
3SM122HZB1VD-R
WWW.3SYSTEM.COM.TW
Handling Instructions
The MEMS microphone IC can be handled using standard pick-and-place and chip-shooting
equipment. Care should be taken to avoid damage to the MEMS microphone IC structure as
follows:
•
Do not apply vacuum nozzle over the acoustic port (AP) of the microphone to avoid
damage to the device.
•
Do not blow air directly into acoustic port.
If air gun cleaning is required, the
minimum distance is 10cm and the maximum air blow pressure is 30psi.
•
Brushing the board with/without solvents may damage the device.
•
Do not use excessive force to place the microphone on the PCB.
•
In case of manual handling, it should be handled with plastic tweezers to avoid damage
to the device.
•
Do not open and remove IC from packaging until devices are ready to be mounted.
•
Suggest PCB depaneling be done with depaneling cutter/router, or manually de-panel
PCB with care and without any contact of MEMS Microphone IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com