Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SM122HZB1VD-R Datasheet(PDF) 1 Page - Solid State System Co., Ltd.

Part # 3SM122HZB1VD-R
Description  MEMS Microphone IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3S [Solid State System Co., Ltd.]
Direct Link  http://www.3system.com.tw/
Logo 3S - Solid State System Co., Ltd.

3SM122HZB1VD-R Datasheet(HTML) 1 Page - Solid State System Co., Ltd.

  3SM122HZB1VD-R Datasheet HTML 1Page - Solid State System Co., Ltd. 3SM122HZB1VD-R Datasheet HTML 2Page - Solid State System Co., Ltd. 3SM122HZB1VD-R Datasheet HTML 3Page - Solid State System Co., Ltd. 3SM122HZB1VD-R Datasheet HTML 4Page - Solid State System Co., Ltd. 3SM122HZB1VD-R Datasheet HTML 5Page - Solid State System Co., Ltd. 3SM122HZB1VD-R Datasheet HTML 6Page - Solid State System Co., Ltd. 3SM122HZB1VD-R Datasheet HTML 7Page - Solid State System Co., Ltd. 3SM122HZB1VD-R Datasheet HTML 8Page - Solid State System Co., Ltd. 3SM122HZB1VD-R Datasheet HTML 9Page - Solid State System Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Version 1.3
Date: 2023-04-19
- 1 -
MEMS Microphone IC
3SM122HZB1VD-R
WWW.3SYSTEM.COM.TW
3SM122HZB1VD-R MEMS Microphone IC
Product Description
The 3SM122HZB1VD-R microphone IC are integrated with specialized pre-amplification ASIC to
provide high sensitivity, high SNR output from a capacitive audio sensor. It’s packaged for surface
mounting and high temperature reflow assembly. 3SM122HZB1VD-R which is able to endure reflow
temperature up to 260 ℃ for 30 seconds can be used in SMT process. It is widely used in
telecommunication and electronics device such as headset, wearable device.
Features
•
Bottom port
•
High stability - no risk of membrane aging
•
Suitable for automatic pick-and-place handler and SMT process
•
Miniature dimension 2.75mm x 1.85mm x 0.90mm
•
Low current consumption 80uA
•
RoHS/Green compliant
•
Sensitivity deviation within ±1dB
•
Package type : LGA 4-pin
•
Omnidirectional
Applications
•
ANC Headsets
•
TWS Headsets
•
Wearable Devices
•
IoT Devices


Similar Part No. - 3SM122HZB1VD-R

ManufacturerPart #DatasheetDescription
logo
Solid State System Co.,...
3SM122KZB1VD-002-R 3S-3SM122KZB1VD-002-R Datasheet
1Mb / 14P
MEMS Microphone IC
Version 1.3
3SM122KZT1VA 3S-3SM122KZT1VA Datasheet
1Mb / 14P
MEMS Microphone IC
Version 1.6
More results

Similar Description - 3SM122HZB1VD-R

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMM-2718AB-38108-TR CUI-CMM-2718AB-38108-TR Datasheet
483Kb / 5P
MEMS MICROPHONE
logo
CUI Devices
CMM-3729AB-38116-TR CUID-CMM-3729AB-38116-TR Datasheet
460Kb / 5P
MEMS MICROPHONE
08/05/2022
CMM-4030DB-26354-TR CUID-CMM-4030DB-26354-TR Datasheet
567Kb / 6P
MEMS MICROPHONE
08/05/2022
CMM-2718AB-38316-TR CUID-CMM-2718AB-38316-TR Datasheet
462Kb / 5P
MEMS MICROPHONE
08/05/2022
CMM-2718AB-383161-TR CUID-CMM-2718AB-383161-TR Datasheet
473Kb / 5P
MEMS MICROPHONE
08/05/2022
CMM-2718AT-42308-TR CUID-CMM-2718AT-42308-TR Datasheet
525Kb / 5P
MEMS MICROPHONE
08/05/2022
CMM-2718AT-42316-TR CUID-CMM-2718AT-42316-TR Datasheet
403Kb / 5P
MEMS MICROPHONE
08/05/2022
CMM-3526AB-38308-TR CUID-CMM-3526AB-38308-TR Datasheet
553Kb / 5P
MEMS MICROPHONE
08/05/2022
CMM-3729AT-42316-TR CUID-CMM-3729AT-42316-TR Datasheet
471Kb / 5P
MEMS MICROPHONE
08/05/2022
CMM-3729AB-38308-TR CUID-CMM-3729AB-38308-TR_V01 Datasheet
507Kb / 5P
MEMS MICROPHONE
07/13/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com