Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCCA Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # TCCA
Description  12*12mm tact switch, top actuated, through hole & SMD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

TCCA Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  TCCA Datasheet HTML 1Page - Apex Electronics Co., Ltd TCCA Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Materials
Materials
Base
Cover
Stem
Contact
Terminal
PA6T
Tin plated Steel
PA6T
Silver plated
Phosphor Bronze
Silver plated Brass
Part Name
Material
Large operational stem
Long operational travel
Multiple options of stems & force
Boss at bottom for better positioning
RoHS Compliant
Product Features
01
TCCA
12*12mm tact switch, top actuated, through hole & SMD
Specification
Part Number
TCCA
Series
43
4.3mm
50
5.0mm
60
6.0mm
70
7.0mm
S73 7.3mm(Square)
Bottom Boss
B With Boss
□
None
16 160g
25 250g
Force
Terminal Style
G Gull-wing, SMD
□
Kink, thru-hole
Operating Force
160~320 gram
Actuation Travel
0.35mm
Operating Temperature Range
-30°C ~ 85°C
Power Rating
50mA, 12VDC
Actuation Life Cycle
TCCAG: 80,000 for 160g, 100,000 for 250g & 320g
TCCA: 200,000 for 160g, 100,000 for 250g & 320g
Insulation Resistance
100M min @ 100VDC
Dielectrical Strength
250VAC for 1 minute
Contact Resistance
100m max.
Reel
B Bulk
Package
R
Height “H”


Similar Part No. - TCCA

ManufacturerPart #DatasheetDescription
logo
Sennheiser electronic S...
TCC M SENNHEISER-TCC M Datasheet
1Mb / 9P
TeamConnect Ceiling Medium Ceiling microphone array
V.1.5
TCC M H-B SENNHEISER-TCC M H-B Datasheet
1Mb / 9P
TeamConnect Ceiling Medium Ceiling microphone array
V.1.5
TCC M H-W SENNHEISER-TCC M H-W Datasheet
1Mb / 9P
TeamConnect Ceiling Medium Ceiling microphone array
V.1.5
TCC M SFP-B SENNHEISER-TCC M SFP-B Datasheet
1Mb / 9P
TeamConnect Ceiling Medium Ceiling microphone array
V.1.5
TCC M SFP-W SENNHEISER-TCC M SFP-W Datasheet
1Mb / 9P
TeamConnect Ceiling Medium Ceiling microphone array
V.1.5
More results

Similar Description - TCCA

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1015 E-SWITCH-TL1015 Datasheet
514Kb / 1P
TACT SWITCHS SMT - TOP ACTUATED
TL1100 E-SWITCH-TL1100_1 Datasheet
286Kb / 3P
TACT SWITCHES - 12mm x 12mm
logo
C&K Components
KSF CK-COMPONENTS-KSF_V01 Datasheet
131Kb / 2P
Soft Actuated Tact Switch
2017
KSC-V2 CK-COMPONENTS-KSC-V2 Datasheet
231Kb / 3P
Side Actuated Sealed Tact Switch
24 Nov 20
KSFKSFI CK-COMPONENTS-KSFKSFI Datasheet
130Kb / 2P
Soft Actuated Tact Switch
26 jul 16
KT CK-COMPONENTS-KT Datasheet
318Kb / 5P
Full SMT Top & Side Actuated Sealed Tact Switch
RK CK-COMPONENTS-RK Datasheet
444Kb / 5P
Microminiature SMT Top Actuated Tact Switch
8 Apr 22
RKC2 CK-COMPONENTS-RKC2 Datasheet
351Kb / 3P
Microminiature SMT Top Actuated Tact Switch
19 Sep 22
logo
ALPS ELECTRIC CO.,LTD.
SKHCAAA010 ALPS-SKHCAAA010 Datasheet
144Kb / 5P
TACT SwitchTM 12×12mm (Snap-in)Type
logo
Apex Electronics Co., L...
T66E APEX-ELECTRONICS-T66E Datasheet
438Kb / 1P
6.0*6.0mm tact switch, radial taping, top actuated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com