Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84143-B80-R Datasheet(PDF) 1 Page - EPCOS

Part # B84143-B80-R
Description  3-Line Filters for Converters and Power Electronics
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84143-B80-R Datasheet(HTML) 1 Page - EPCOS

  B84143-B80-R Datasheet HTML 1Page - EPCOS B84143-B80-R Datasheet HTML 2Page - EPCOS B84143-B80-R Datasheet HTML 3Page - EPCOS B84143-B80-R Datasheet HTML 4Page - EPCOS B84143-B80-R Datasheet HTML 5Page - EPCOS B84143-B80-R Datasheet HTML 6Page - EPCOS B84143-B80-R Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
233 03/01
3-Line Filters
B84143-B*-R
for Converters and Power Electronics
Power line filters for three-phase systems
Rated voltage 440/250 V~, 50/60 Hz
Rated current 8 A to 80 A
Construction
s Three-line filter
s Metal case
Features
s Very high insertion loss
due to two-stage construction
s Low leakage current
s Easy to install
s Degree of protection: IP 201)
s Design complies with
EN 133200, UL 1283, CSA 22.2 No.8 1986
s Optimized for long motor cables and
operation under full load
Applications
s Frequency converters for motor drives, e.g.
– elevators
– pumps
– traction systems
– conveyor systems
– HVAC systems (heating, ventilation and air conditioning)
s Wind farms
s Power supplies
Terminals
s Safe-to-touch terminal blocks
Marking
Marking on component:
Manufacturer’s logo, ordering code,
rated current, rated voltage,
rated temperature, climatic category, date code
Minimum marking on packaging:
Manufacturer’s logo, ordering code
1) In accordance with IEC 60529:1989; EN 60529:1991; DIN VDE 0470-1


Similar Part No. - B84143-B80-R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84143-B8-R110 EPCOS-B84143-B8-R110 Datasheet
256Kb / 10P
3-Line Filters for Converters and Power Electronics
More results

Similar Description - B84143-B80-R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84143-A8-R EPCOS-B84143-A8-R Datasheet
178Kb / 9P
3-Line Filters for Converters and Power Electronics
B84143-A6-R206 EPCOS-B84143-A6-R206 Datasheet
170Kb / 6P
3-Line Filters for Converters and Power Electronics
B84143-G-R110 EPCOS-B84143-G-R110 Datasheet
236Kb / 8P
3-Line Filters for Converters and Power Electronics
B84143-B-R110 EPCOS-B84143-B-R110 Datasheet
256Kb / 10P
3-Line Filters for Converters and Power Electronics
B84143-B150-S20 EPCOS-B84143-B150-S20 Datasheet
220Kb / 9P
3-Line Filters for Converters and Power Electronics
B84143-A25-R21 EPCOS-B84143-A25-R21 Datasheet
188Kb / 7P
3-Line Filters for Converters and Power Electronics
B84143D0016R127 EPCOS-B84143D0016R127 Datasheet
561Kb / 17P
3-line filters for converters and power electronics
B84143A0010R106 EPCOS-B84143A0010R106 Datasheet
224Kb / 11P
3-line filters for converters and power electronics
B84143A0025R021 EPCOS-B84143A0025R021 Datasheet
269Kb / 12P
3-line filters for converters and power electronics
logo
TDK Electronics
B84143CS250 TDK-B84143CS250 Datasheet
1Mb / 19P
3-line filters for converters and power electronics
October 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com