Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84143-B80-R Datasheet(PDF) 3 Page - EPCOS

Part # B84143-B80-R
Description  3-Line Filters for Converters and Power Electronics
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84143-B80-R Datasheet(HTML) 3 Page - EPCOS

  B84143-B80-R Datasheet HTML 1Page - EPCOS B84143-B80-R Datasheet HTML 2Page - EPCOS B84143-B80-R Datasheet HTML 3Page - EPCOS B84143-B80-R Datasheet HTML 4Page - EPCOS B84143-B80-R Datasheet HTML 5Page - EPCOS B84143-B80-R Datasheet HTML 6Page - EPCOS B84143-B80-R Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
235 03/01
3-Line Filters
B84143-B*-R
for Converters and Power Electronics
Dimensional drawings
B84143-B8-R … B84143-B16-R
B84143-B25-R … B84143-B50-R
SSB1006-Z
LINE
LOAD
Anschlussklemmen
4 mm2
PE M6 x 25
22,5±1
126 max.
193 max.
115±0,2
6,6±0,2
171 max.
Marking
Terminal blocks
4mm2
SSB1007-8
LINE
LOAD
PE M6 x 25
2
10 mm
Anschlussklemmen
126 max.
22,5±1
281 max.
115±0,2
6,6±0,2
231 max.
Marking
Terminal blocks
10 mm2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com