Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

63SPB080A Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # 63SPB080A
Description  Power Surface Mount Schottky Rectifier (80V/100V,60Amp)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

63SPB080A Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  63SPB080A Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 63SPB080A Datasheet HTML 2Page - SMC Diode Solutions Co. LTD 63SPB080A Datasheet HTML 3Page - SMC Diode Solutions Co. LTD 63SPB080A Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N1023, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
63SPB080A
63SPB100A
Power Surface Mount Schottky Rectifier
(80V/100V,60Amp)
Features
Schematic & Pin Configuration
Applications
Maximum Ratings(limiting values, at 25 °C unless otherwise specified):
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
80
63SPB080A
V
100
63SPB100A
Average Rectified Forward Current
IF (AV)
50% duty cycle @TC =116°C,
rectangular wave form
60
A
Peak One Cycle Non-Repetitive Surge
Current
IFSM
8.3 ms, half Sine pulse
860
A
Non-Repetitive Avalanche Energy
EAS
TJ=25℃,IAS=0.75A,
L=40 mH
11.25
mJ
Repetitive Avalanche Current
IAR
IAS decaying linearly to 0 in 1 μsec
Frequency limited by TJ max. VA=1.5
×
VR
0.75
A
175 C TJ operation
Low forward voltage drop
High surge capacities
High frequency operation
Guaranteed reverse avalanche capability
Low profile surface mount package
Base plate: Pure Sn plated; Terminals: Pure Sn plated
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
SPD-2A
Switching power supply
Redundant power subsystems
Reverse battery protection
Converters
Many other high current AC/DC power supplies
Anode
Cathode


Similar Part No. - 63SPB080A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
63SPB080 SMC-63SPB080 Datasheet
162Kb / 4P
Power Surface Mount Schottky Rectifier
More results

Similar Description - 63SPB080A

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
FWSL320PT SIRECT-FWSL320PT Datasheet
116Kb / 2P
Power Schottky Rectifier - 60Amp 45Volt
FWSR320PT SIRECT-FWSR320PT Datasheet
116Kb / 2P
Power Schottky Rectifier - 60Amp 45Volt
SBL6045CT SIRECT-SBL6045CT Datasheet
140Kb / 2P
Power Schottky Rectifier - 60Amp 45Volt
SBL6060CT SIRECT-SBL6060CT Datasheet
163Kb / 2P
Power Schottky Rectifier - 60Amp 60Volt
MBR60100PT SIRECT-MBR60100PT Datasheet
130Kb / 3P
Power Schottky Rectifier - 60Amp 100Volt
SBL6060CT SIRECT-SBL6060CT_10 Datasheet
147Kb / 4P
Power Schottky Rectifier - 60Amp 60Volt
MBR60B100CTH SIRECT-MBR60B100CTH Datasheet
135Kb / 3P
Power Schottky Rectifier - 60Amp 100Volt
MBR60B150CTH SIRECT-MBR60B150CTH Datasheet
131Kb / 3P
Power Schottky Rectifier - 60Amp 150Volt
SBL60B45CTH SIRECT-SBL60B45CTH Datasheet
133Kb / 3P
Power Schottky Rectifier - 60Amp 45Volt
SBL60B60CTH SIRECT-SBL60B60CTH Datasheet
131Kb / 3P
Power Schottky Rectifier - 60Amp 60Volt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com