Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

63SPB080A Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # 63SPB080A
Description  Power Surface Mount Schottky Rectifier (80V/100V,60Amp)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

63SPB080A Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  63SPB080A Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 63SPB080A Datasheet HTML 2Page - SMC Diode Solutions Co. LTD 63SPB080A Datasheet HTML 3Page - SMC Diode Solutions Co. LTD 63SPB080A Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N1023, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
63SPB080A
63SPB100A
* Pulse width < 300 µs, duty cycle < 2%
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-55 to +175
C
Storage Temperature
Tstg
-
-55 to +175
C
Typical Thermal Resistance
Junction to Case
RJC
DC operation
0.37
C/W
Approximate Weight
wt
-
1.1
g
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop *
VF1
@ 60A, Pulse, TJ = 25 C
0.82
0.87
V
VF2
@ 60A, Pulse, TJ = 125 C
0.71
0.76
V
Reverse Current*
IR1
@VR = rated VR, Pulse,
TJ = 25 C
0.3
1000
uA
IR2
@VR = rated VR, Pulse,
TJ = 125 C
0.1
24.0
mA
Junction Capacitance
CT
@VR = 5V, TC = 25 C
fSIG = 1MHz
1340
1500
pF
Voltage Rate of Change
dv/dt
-
-
10,000
V/s
Thermal-Mechanical Specifications:
Mechanical Dimensions (Inches/Millimeters)
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
9.81
10.51
0.386
0.414
B
9.81
10.51
0.386
0.414
C
2.90
3.20
0.114
0.126
D
2.42
2.92
0.095
0.115
E
0.33
0.47
0.013
0.019
F
1.02
0.040
G
4.02
0.158
H
3.81
0.150
SPD-2A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com