Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65815-E-R30 Datasheet(PDF) 2 Page - EPCOS

Part # B65815-E-R30
Description  RM 12 In accordance with IEC 60431
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65815-E-R30 Datasheet(HTML) 2 Page - EPCOS

  B65815-E-R30 Datasheet HTML 1Page - EPCOS B65815-E-R30 Datasheet HTML 2Page - EPCOS B65815-E-R30 Datasheet HTML 3Page - EPCOS B65815-E-R30 Datasheet HTML 4Page - EPCOS B65815-E-R30 Datasheet HTML 5Page - EPCOS B65815-E-R30 Datasheet HTML 6Page - EPCOS B65815-E-R30 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
244 08/01
I In accordance with IEC 60431
I Optimized core cross section and increased
thickness of base for power applications
I Without center hole
I RM cores are supplied in sets
Magnetic characteristics (per set)
Σl/A = 0,39 mm–1
le
= 57 mm
Ae
= 146 mm2
Amin = 125 mm2
Ve
= 8 340 mm3
Approx. weight 45 g/set
Gapped
Material
AL value
nH
s
approx.
mm
µe
Ordering code
-E without center hole
N41
160
± 3 %
1,30
50
B65815-E160-A41
250
± 3 %
0,70
78
B65815-E250-A41
400
± 3 %
0,35
124
B65815-E400-J41
1000
± 5 %
0,12
310
B65815-E1000-J41
FRM0300-E
13,4 min.
ø25+1
1,5
37,6 _
0,4
ø12,8 _
B65815
Core
RM 12



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com