Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65815-E-R30 Datasheet(PDF) 6 Page - EPCOS

Part # B65815-E-R30
Description  RM 12 In accordance with IEC 60431
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65815-E-R30 Datasheet(HTML) 6 Page - EPCOS

  B65815-E-R30 Datasheet HTML 1Page - EPCOS B65815-E-R30 Datasheet HTML 2Page - EPCOS B65815-E-R30 Datasheet HTML 3Page - EPCOS B65815-E-R30 Datasheet HTML 4Page - EPCOS B65815-E-R30 Datasheet HTML 5Page - EPCOS B65815-E-R30 Datasheet HTML 6Page - EPCOS B65815-E-R30 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
248 08/01
Clamp
I With ground terminal, made of stainless spring steel (tinned), 0,45 mm thick
I Solderability to IEC 60068-2-20, test Ta, method 1 (aging 3): 235
°C, 2 s
Insulating washer 1 between core and coil former
I For tolerance compensation and for insulation
I Made of polycarbonate (UL 94 V-0, insulation class to IEC 60085: E
120
°C), 0,1 mm thick
Insulating washer 2 for double-clad PCBs
I Made of polycarbonate (UL 94 V-0, insulation class to IEC 60085: E 120
°C), 0,3 mm thick
Clamp
Ordering code
Clamp (ordering code per piece, 2 are required)
B65816-A2002
Insulating washer 1 (reel packing, PU = 1 reel)
B65816-B5000
Insulating washer 2 (bulk)
B65816-D2005
FRM0134-L
4,8 max.
0,1
1_
Insulating washer 1
Insulating washer 2
B65816
Accessories
RM 12



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com