Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65887-E-R41 Datasheet(PDF) 2 Page - EPCOS

Part # B65887-E-R41
Description  RM 14 In accordance with IEC 60431
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65887-E-R41 Datasheet(HTML) 2 Page - EPCOS

  B65887-E-R41 Datasheet HTML 1Page - EPCOS B65887-E-R41 Datasheet HTML 2Page - EPCOS B65887-E-R41 Datasheet HTML 3Page - EPCOS B65887-E-R41 Datasheet HTML 4Page - EPCOS B65887-E-R41 Datasheet HTML 5Page - EPCOS B65887-E-R41 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
252 08/01
Ungapped
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
-E without center hole
N49
3900 + 30/– 20 %
1030
2150
< 2,37
(50 mT, 500 kHz, 100
°C)
B65887-E-R49
N87
6000 + 30/– 20 %
1670
3250
< 7,40
(200 mT, 100 kHz, 100
°C)
B65887-E-R87
N971)
6000 + 30/– 20 %
1670
3250
< 5,60
(200 mT, 100 kHz, 100
°C)
B65887-E-R97
N41
6800 + 30/– 20 %
1890
3250
< 2,52
(200 mT, 25 kHz, 100
°C)
B65887-E-R41
1) Preliminary data
B65887
Core
RM 14



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com