Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65887-E-R41 Datasheet(PDF) 1 Page - EPCOS

Part # B65887-E-R41
Description  RM 14 In accordance with IEC 60431
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65887-E-R41 Datasheet(HTML) 1 Page - EPCOS

  B65887-E-R41 Datasheet HTML 1Page - EPCOS B65887-E-R41 Datasheet HTML 2Page - EPCOS B65887-E-R41 Datasheet HTML 3Page - EPCOS B65887-E-R41 Datasheet HTML 4Page - EPCOS B65887-E-R41 Datasheet HTML 5Page - EPCOS B65887-E-R41 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
251 08/01
I In accordance with IEC 60431
I Optimized core cross section and increased
thickness of base for power applications
I Without center hole
I RM cores are supplied in sets
Magnetic characteristics (per set)
Σl/A = 0,35 mm–1
le
= 70 mm
Ae
= 200 mm2
Amin = 170 mm2
Ve
= 14 000 mm3
Approx. weight 74 g/set
Gapped
Material
AL value
nH
s
approx.
mm
µe
Ordering code
-E without center hole
N41
160
± 3 %
1,90
45
B65887-E160-A41
250
± 3 %
1,00
70
B65887-E250-A41
400
± 3 %
0,50
111
B65887-E400-A41
1000
± 5 %
0,15
278
B65887-E1000-J41
B65887
Core
RM 14


Similar Part No. - B65887-E-R41

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65887-P EPCOS-B65887-P Datasheet
90Kb / 2P
RM 14 Low Profile
B65887-P-R49 EPCOS-B65887-P-R49 Datasheet
90Kb / 2P
RM 14 Low Profile
B65887-P-R87 EPCOS-B65887-P-R87 Datasheet
90Kb / 2P
RM 14 Low Profile
B65887-P-R92 EPCOS-B65887-P-R92 Datasheet
90Kb / 2P
RM 14 Low Profile
More results

Similar Description - B65887-E-R41

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65815 EPCOS-B65815 Datasheet
216Kb / 7P
RM 12 In accordance with IEC 60431
B65887-P EPCOS-B65887-P Datasheet
90Kb / 2P
RM 14 Low Profile
B65733 EPCOS-B65733 Datasheet
101Kb / 3P
PM 114/93 In accordance with IEC 61247
B65531 EPCOS-B65531 Datasheet
122Kb / 5P
In accordance with IEC 60133
logo
ATMEL Corporation
AT7908E ATMEL-AT7908E_14 Datasheet
751Kb / 50P
Designed in Accordance with CAN Specification 2.0B
logo
Laird Tech Smart Techno...
EMI-EU010 LSTD-EMI-EU010 Datasheet
56Kb / 5P
Prepared in accordance with Regulation
TGREASE-880 LSTD-TGREASE-880 Datasheet
93Kb / 4P
Prepared in accordance with OSHA Hazard communication
logo
STMicroelectronics
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
Safety compliant in accordance with EN60950
29-Nov-2007
logo
Nexperia B.V. All right...
74AHC2G32-Q100 NEXPERIA-74AHC2G32-Q100 Datasheet
212Kb / 11P
Automotive product qualification in accordance with AEC-Q100
74AHC86-Q100 NEXPERIA-74AHC86-Q100 Datasheet
705Kb / 15P
Automotive product qualification in accordance with AEC-Q100
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com