Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2L06AL Datasheet(PDF) 10 Page - STMicroelectronics

Part # LIS2L06AL
Description  MEMS INERTIAL SENSOR:2-axis - /- 2g/6g ultracompact linear accelerometer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2L06AL Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LIS2L06AL Datasheet HTML 6Page - STMicroelectronics LIS2L06AL Datasheet HTML 7Page - STMicroelectronics LIS2L06AL Datasheet HTML 8Page - STMicroelectronics LIS2L06AL Datasheet HTML 9Page - STMicroelectronics LIS2L06AL Datasheet HTML 10Page - STMicroelectronics LIS2L06AL Datasheet HTML 11Page - STMicroelectronics LIS2L06AL Datasheet HTML 12Page - STMicroelectronics LIS2L06AL Datasheet HTML 13Page - STMicroelectronics LIS2L06AL Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Application hints
LIS2L06AL
10/17
4
Application hints
Figure 3.
LIS2L06AL Electrical Connection
Power supply decoupling capacitors (100nF ceramic or polyester + 10
µF Aluminum) should
be placed as near as possible to the device (common design practice).
The LIS2L06AL allows to band limit Voutx and Vouty through the use of external capacitors.
The re-commended frequency range spans from DC up to 2.0kHz. In particular, capacitors
must be added at output pins to implement low-pass filtering for antialiasing and noise
reduction. The equation for the cut-off frequency (ft) of the external filters is:
Taking in account that the internal filtering resistor (Rout) has a nominal value equal to
110k
Ω, the equation for the external filter cut-off frequency may be simplified as follows:
The tolerance of the internal resistor can vary typically of ±20% within its nominal value of
110k
Ω; thus the cut-off frequency will vary accordingly. A minimum capacitance of 1nF for
Cload(x, y) is required in any case.
Table 5.
Filter Capacitor Selection, Cload (x,y)
Cut-off frequency
Capacitor value
1 Hz
1500 nF
10 Hz
150 nF
20 Hz
68 nF
50 Hz
30 nF
100 Hz
15 nF
200 Hz
6.8 nF
500 Hz
3 nF
DIRECTION OF THE
DETECTABLE
ACCELERATIONS
1
X
Vout X
100nF
Cload x
LIS2L06AL
10µF
Vdd
Vout Y
GND
GND
Cload y
(top view)
Optional
Optional
Digital signals
GND
ST
FS
Y
f
t
1
2
π R
out
C
load
xy
,
()
⋅⋅
--------------------------------------------------------------
=
f
t
1.45
µF
C
load
xy
,
()
-------------------------------Hz
[]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com