Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2L06AL Datasheet(PDF) 3 Page - STMicroelectronics

Part # LIS2L06AL
Description  MEMS INERTIAL SENSOR:2-axis - /- 2g/6g ultracompact linear accelerometer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2L06AL Datasheet(HTML) 3 Page - STMicroelectronics

  LIS2L06AL Datasheet HTML 1Page - STMicroelectronics LIS2L06AL Datasheet HTML 2Page - STMicroelectronics LIS2L06AL Datasheet HTML 3Page - STMicroelectronics LIS2L06AL Datasheet HTML 4Page - STMicroelectronics LIS2L06AL Datasheet HTML 5Page - STMicroelectronics LIS2L06AL Datasheet HTML 6Page - STMicroelectronics LIS2L06AL Datasheet HTML 7Page - STMicroelectronics LIS2L06AL Datasheet HTML 8Page - STMicroelectronics LIS2L06AL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LIS2L06AL
Block diagram & pins description
3/17
1
Block diagram & pins description
1.1
Block diagram
Figure 1.
Block Diagram
1.2
Pin Description
Figure 2.
Pin Connection
DEMUX
S/H
CHARGE
AMPLIFIER
S/H
MUX
Y+
Y-
Voutx
Vouty
Routx
Routy
TRIMMING CIRCUIT
CLOCK
X+
X-
SELF TEST
REFERENCE
a
DIRECTION OF THE
DETECTABLE
ACCELERATIONS
1
LIS2L06AL
ST
GND
Voutx
Vouty
Reserved
Reserved
Vdd
BOTTOM VIEW
Y
X
FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com