Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL-52051SW Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # ADL-52051SW
Description  Green APC Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

ADL-52051SW Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  ADL-52051SW Datasheet HTML 1Page - Roithner LaserTechnik GmbH ADL-52051SW Datasheet HTML 2Page - Roithner LaserTechnik GmbH ADL-52051SW Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.roithner-laser.com
3
10/2023
Electrical Connection
Pin Configuration
Bottom View
CW
PWM
Schematics
• No external driver required
• APC driver IC integrated into the TO-Can
• 10 µF capacitor recommended for PWM operation
• Battery reverse protection recommended
• 1 µF capacitor recommended for low power operation
(<50%)
Outline Dimensions
TO33
all dimensions in mm
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice
Pin #
Function
Pin 1
GND
Pin 2
Ucc
Pin 3
PWM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com