Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL-52051SW Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # ADL-52051SW
Description  Green APC Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

ADL-52051SW Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  ADL-52051SW Datasheet HTML 1Page - Roithner LaserTechnik GmbH ADL-52051SW Datasheet HTML 2Page - Roithner LaserTechnik GmbH ADL-52051SW Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.roithner-laser.com
1
10/2023
ADL-52051SW
• Green APC Laser Diode
• Automatic Power Control (APC)
• 520 nm, 5 mW
• Modulation Bandwidth < 2 MHz
• Supply Voltage 6 VDC
• TO33 Package, Flat Window
Description
ADL-52051SW is a green laser diode, typically emitting at 520 nm with an output power of <5 mW, and modulation bandwidth of
up to 2 Mhz (PWM). It features an integrated automatic power control (APC) driver and can be operated through a 6 VDC
voltage source. ADL-52051SW comes in 3.3 mm TO-Can package with flat glass window.
Maximum Ratings*
Parameter
Symbol
Values
Unit
Min.
Max.
Power Supply Voltage
UCC
5.8
7.0
V
Optical Output Power
PO
5.0
mW
Operating Temperature*
TOPR
- 10
+ 50
°C
Storage Temperature*
TSTG
- 40
+ 85
°C
Soldering Temperature (tmax. 3s)
TSOL
+ 260
°C
* operation close to or outside these parameters may damage the device
Electro-Optical Characteristics (T
C
= 25°C, PO = 5 mW, UCC = 6V)
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Peak Wavelength
λP
510
520
530
nm
Power Variation
∆PO
-10
+10
%
Power/Temperature Variation (-10 …50 °C)
∆POT
-15
+10
%
Power/Supply Voltage Variation (5.8…7.0 V)
∆POU
-15
+10
%
Current Draw
ICC
50
80
mA
Chip Positioning Accuracy
∆X, ∆Y, ∆Z,
-80
+80
µm
Beam Divergence (FWHM)
parallel
ӨII
3
7
12
deg.
perpendicular
Ө┴
15
23
30
deg.
Beam Deviation
parallel
∆ӨII
-5
+5
deg.
perpendicular
∆Ө┴
-5
+5
deg.
Bandwidth (PWM, duty cycle = 50%)
fM
100
2000
kHz
Safety Advice
Laser light emitted from any laser diode may be harmful to the human eye. Avoid looking directly into
the laser diode’s aperture. The use of optical lenses will increase eye hazard


Similar Part No. - ADL-52051SW

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
ADL-52051SM ROITHNER-ADL-52051SM Datasheet
493Kb / 3P
Green APC Laser Diode
10/2023
More results

Similar Description - ADL-52051SW

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88905 MICREL-SY88905 Datasheet
107Kb / 9P
LASER DIODE CONTROLLER WITH APC
logo
Intersil Corporation
EL6244 INTERSIL-EL6244 Datasheet
46Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
June 17, 2004
EL6245 INTERSIL-EL6245 Datasheet
46Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
June 17, 2004
logo
Micrel Semiconductor
SY88905 MICREL-SY88905_05 Datasheet
82Kb / 10P
LASER DIODE CONTROLLER WITH APC
logo
Asahi Kasei Microsystem...
AK2572 AKM-AK2572 Datasheet
440Kb / 50P
APC for Burst Mode Applicable Direct Modulation Laser Diode
AK2573A AKM-AK2573A Datasheet
267Kb / 38P
125M / 156M Laser Diode Driver APC
AK2574 AKM-AK2574 Datasheet
230Kb / 30P
156M Laser Diode Driver APC for Burst Mode
logo
Roithner LaserTechnik G...
ADL-65075TA4 ROITHNER-ADL-65075TA4 Datasheet
176Kb / 2P
Visible Laser Diode with integrated APC
logo
Renesas Technology Corp
ISL58113 RENESAS-ISL58113 Datasheet
500Kb / 9P
Laser Diode Driver with APC Amplifier for Printers
ISL58115 RENESAS-ISL58115 Datasheet
500Kb / 9P
Laser Diode Driver with APC Amplifier for Printers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com