Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950-30LP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP2950-30LP
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2950-30LP Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2950-30LP Datasheet HTML 7Page - Texas Instruments LP2950-30LP Datasheet HTML 8Page - Texas Instruments LP2950-30LP Datasheet HTML 9Page - Texas Instruments LP2950-30LP Datasheet HTML 10Page - Texas Instruments LP2950-30LP Datasheet HTML 11Page - Texas Instruments LP2950-30LP Datasheet HTML 12Page - Texas Instruments LP2950-30LP Datasheet HTML 13Page - Texas Instruments LP2950-30LP Datasheet HTML 14Page - Texas Instruments LP2950-30LP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Temperature – °C
-2
-1
0
1
2
3
4
5
6
0
5
10
15
20
25
30
VIN – Input Voltage – V
0
50
100
150
200
250
300
350
400
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Temperature – °C
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Temperature – °C
10
20
30
40
50
60
70
80
90
100
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
f – Frequency – Hz
IL = 100 mA
IL = 50 mA
VIN = 6 V
CL = 1 µF
10
100
1k
10k
100k
1M
0
1
2
3
4
5
6
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
f – Frequency – Hz
CL = 1 µF
CL = 3.3 µF
CL = 200 µF
10
100
1k
10k
100k
LP2950, LP2951
www.ti.com
SLVS582I – APRIL 2006 – REVISED NOVEMBER 2014
Typical Characteristics (continued)
Figure 26. LP2951 Output Noise vs Frequency
Figure 25. Output Impedance vs Frequency
Figure 28. Shutdown Threshold Voltage (Off to On) vs
Temperature
Figure 27. LP2951 Divider Resistance vs Temperature
Figure 30. Line Regulation vs Input Voltage
Figure 29. Shutdown Threshold Voltage (On to Off) vs
Temperature
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP2950 LP2951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com