Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950-30LP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP2950-30LP
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2950-30LP Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2950-30LP Datasheet HTML 9Page - Texas Instruments LP2950-30LP Datasheet HTML 10Page - Texas Instruments LP2950-30LP Datasheet HTML 11Page - Texas Instruments LP2950-30LP Datasheet HTML 12Page - Texas Instruments LP2950-30LP Datasheet HTML 13Page - Texas Instruments LP2950-30LP Datasheet HTML 14Page - Texas Instruments LP2950-30LP Datasheet HTML 15Page - Texas Instruments LP2950-30LP Datasheet HTML 16Page - Texas Instruments LP2950-30LP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
+
+
60 mV
1.235-V Reference
Error
Amplifier
SENSE
VTAP
ERROR
GND
OUTPUT
INPUT
FEEDBACK
SHUTDOWN
LP2950, LP2951
www.ti.com
SLVS582I – APRIL 2006 – REVISED NOVEMBER 2014
7.3 LP2951 Functional Block Diagram
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP2950 LP2951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com