Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84131 Datasheet(PDF) 2 Page - EPCOS

Part # B84131
Description  4-Line Filters for Installations and Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84131 Datasheet(HTML) 2 Page - EPCOS

  B84131 Datasheet HTML 1Page - EPCOS B84131 Datasheet HTML 2Page - EPCOS B84131 Datasheet HTML 3Page - EPCOS B84131 Datasheet HTML 4Page - EPCOS B84131 Datasheet HTML 5Page - EPCOS B84131 Datasheet HTML 6Page - EPCOS B84131 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
287 03/01
4-Line Filters
B84131
for Installations and Systems
Technical data
Characteristics and ordering codes
× = approval granted
Dimensional drawing
B84131-M3-A116
Rated voltage VR
440/250 V~, 50/60 Hz
Rated current IR
Referred to 40
°C ambient temperature
Test voltage VP
1770 V–, 2 s (line/line)
2700 V–, 2 s (lines/case)
Leakage current l leak
< 3,5 mA at 400 V~, 50 Hz
Climatic category
In accordance with EN 60068-1
25/085/21 (– 25
°C/+ 85 °C/21 days damp heat test)
IR
A
Approx. weight
kg
Ordering code
Approvals
6
0,8
B84131-A6-A1
16
1,5
B84131-M3-A116
×××
25
2,3
B84131-M1-G125
35
2,3
B84131-M1-G135
×××
35
2,3
B84131-M1-H135
×××
50
4,5
B84131-M2-G150
××
63
4,5
B84131-M2-G163
××
80
12,5
B84131-M4-G180
125
12,5
B84131-M4-G225
565-3
SSB0339-P
149
52,5
44±0,2
M5/6 tief
1)
Auch passend für Schrauben mit Gewinde 10-32 UNF
1)
DIN 46244
75±0,3
14,5
15,1
24,6 24,6 24,6
104
52
Flachstecker A6,3 x 0,8
174,5
SSB0339-P
1) Also suitable for screws with 10-32 UNF thread
Tab connector A6,3
× 0,8
DIN 46244
M5/6 deep1)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com