Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84131 Datasheet(PDF) 3 Page - EPCOS

Part # B84131
Description  4-Line Filters for Installations and Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84131 Datasheet(HTML) 3 Page - EPCOS

  B84131 Datasheet HTML 1Page - EPCOS B84131 Datasheet HTML 2Page - EPCOS B84131 Datasheet HTML 3Page - EPCOS B84131 Datasheet HTML 4Page - EPCOS B84131 Datasheet HTML 5Page - EPCOS B84131 Datasheet HTML 6Page - EPCOS B84131 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
288 03/01
4-Line Filters
B84131
for Installations and Systems
Outline drawings
B84131-A6-A1
B84131-M1-G125, thread M6
(torque 3 Nm)
B84131-M1-G135, thread M6
(torque 3 Nm)
B84131-M1-H135, thread 10-32 UNF
(torque 2 Nm)
Tab connector A6,3
× 0,8
DIN 46244
SSB0321-L
149
15
23
52,5±0,8
44±0,2
M5/6 tief
1)
Auch passend für Schrauben mit Gewinde 10-32 UNF
1)
Nennanzugs-
75±0,3
14,5
15,1
24,6 24,6 24,6
104
52
moment 3Nm
1) Also suitable for screws with 10-32 UNF thread
Torque3Nm
M5/6 deep1)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com