Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65845-J-R26 Datasheet(PDF) 2 Page - EPCOS

Part # B65845-J-R26
Description  EP 17 For transformers featuring high inductance and low overall height
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65845-J-R26 Datasheet(HTML) 2 Page - EPCOS

  B65845-J-R26 Datasheet HTML 1Page - EPCOS B65845-J-R26 Datasheet HTML 2Page - EPCOS B65845-J-R26 Datasheet HTML 3Page - EPCOS B65845-J-R26 Datasheet HTML 4Page - EPCOS B65845-J-R26 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
299 08/01
I In accordance with IEC 61596
I For transformers featuring high inductance
and low overall height
I For power applications
I EP cores are supplied in sets
Magnetic characteristics (per set)
Σl/A = 0,84 mm–1
le
= 28,5 mm
Ae
= 33,9 mm2
Amin = 25,5 mm2
Ve
= 966 mm3
Approx. weight 12 g/set
Ungapped
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N87
2400 + 30/– 20 % 1600
1350
< 0,4
(200 mT, 100 kHz, 100 °C)
B65845-J-R87
N26
2400 + 30/– 20 % 1600
B65845-J-R26
N30
4300 + 30/– 20 % 2870
B65845-J-R30
T65
6200 + 30/– 20 % 4190
B65845-J-R65
T38
10800 + 40/– 30 % 7220
B65845-J-Y38
T42
13000 + 40/– 30 % 8700
B65845-J-Y42
FEP0027-X
7,5
0,35
11,6+0,8
5,85 _
18,4 0,8
_
gapped (one-sided)
∗)
B65845
Core
EP 17



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com