Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65845-J-R26 Datasheet(PDF) 4 Page - EPCOS

Part # B65845-J-R26
Description  EP 17 For transformers featuring high inductance and low overall height
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65845-J-R26 Datasheet(HTML) 4 Page - EPCOS

  B65845-J-R26 Datasheet HTML 1Page - EPCOS B65845-J-R26 Datasheet HTML 2Page - EPCOS B65845-J-R26 Datasheet HTML 3Page - EPCOS B65845-J-R26 Datasheet HTML 4Page - EPCOS B65845-J-R26 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
301 08/01
Mounting assembly
The set comprises a yoke and a clamp
Yoke
Made of nickel silver (0,4 mm) with ground terminal (tinned)
Clamp
Spring clamp, made of nickel silver (0,4 mm)
Cap yoke
With ground terminal, made of stainless spring steel (tinned), 0,3 mm thick
Ordering code
Complete mounting assembly
B65846-J2000
Cap yoke
B65846-C2000
FEP0029-V
16,8
FEP0030-B
5,08
10,4
0,3
A
View A
17,8
15,4
12,5
3,5
18,7
0,8
5
5,5
_
1 0,1
FEP0036-T
15,6
5±0,1
1 x 0,4
Yoke
Clamp
Cap yoke
B65846
Accessories
EP 17



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com