Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65843-A-R87 Datasheet(PDF) 2 Page - EPCOS

Part # B65843-A-R87
Description  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65843-A-R87 Datasheet(HTML) 2 Page - EPCOS

  B65843-A-R87 Datasheet HTML 1Page - EPCOS B65843-A-R87 Datasheet HTML 2Page - EPCOS B65843-A-R87 Datasheet HTML 3Page - EPCOS B65843-A-R87 Datasheet HTML 4Page - EPCOS B65843-A-R87 Datasheet HTML 5Page - EPCOS B65843-A-R87 Datasheet HTML 6Page - EPCOS B65843-A-R87 Datasheet HTML 7Page - EPCOS B65843-A-R87 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
289 08/01
I In accordance with IEC 61596
I For transformers featuring high inductance
and low overall height
I For power applications
I EP cores are supplied in sets
Magnetic characteristics (per set)
Σl/A = 1,24 mm–1
le
= 24,2 mm
Ae
= 19,5 mm2
Amin = 14,9 mm2
Ve
= 472 mm3
Approx. weight 4,5 g/set
Gapped
1) Preliminary data
Material
AL value
nH
s
approx.
mm
µe
Ordering code
T38
63
± 3 %
0,38
62
B65843-A63-A38
100
± 3 %
0,24
99
B65843-A100-A38
160
± 4 %
0,15
158
B65843-A160-B38
200
± 4 %
0,12
198
B65843-A200-B38
250
± 5 %
0,09
247
B65843-A250-J38
315
± 6 %
0,07
311
B65843-A315-C38
400
± 7 %
0,06
395
B65843-A400-E38
T571)
63
± 3 %
0,38
62
B65843-A63-A57
100
± 3 %
0,24
99
B65843-A100-A57
160
± 4 %
0,15
158
B65843-A160-B57
200
± 4 %
0,12
198
B65843-A200-B57
250
± 5 %
0,09
247
B65843-A250-J57
315
± 6 %
0,07
311
B65843-A315-C57
400
± 7 %
0,06
395
B65843-A400-E57
N87
63
± 3 %
0,37
62
B65843-A63-A87
100
± 3 %
0,23
99
B65843-A100-A87
160
± 4 %
0,14
158
B65843-A160-B87
200
± 4 %
0,11
198
B65843-A200-B87
250
± 5 %
0,09
247
B65843-A250-J87
315
± 6 %
0,07
311
B65843-A315-C87
400
± 7 %
0,05
395
B65843-A400-E87
FEP0017-A
5,5
9,7+0,6
4,5 0,3
_
12,8 _0,6
gapped (one-sided)
∗)
B65843
Core
EP 13



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com