Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65843-A-R87 Datasheet(PDF) 6 Page - EPCOS

Part # B65843-A-R87
Description  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65843-A-R87 Datasheet(HTML) 6 Page - EPCOS

  B65843-A-R87 Datasheet HTML 1Page - EPCOS B65843-A-R87 Datasheet HTML 2Page - EPCOS B65843-A-R87 Datasheet HTML 3Page - EPCOS B65843-A-R87 Datasheet HTML 4Page - EPCOS B65843-A-R87 Datasheet HTML 5Page - EPCOS B65843-A-R87 Datasheet HTML 6Page - EPCOS B65843-A-R87 Datasheet HTML 7Page - EPCOS B65843-A-R87 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
293 08/01
Mounting assembly
The set comprises a yoke and a clamp
Yoke
Made of nickel silver (0,4 mm) with ground terminal (tinned)
Clamp
Spring clamp, made of nickel silver (0,4 mm)
Cap yoke
With ground terminal, made of stainless spring steel (tinned), 0,3 mm thick
Yoke
Clamp
Cap yoke
Ordering code
Complete mounting assembly
B65844-A2000
Cap yoke (only for 1-section coil former)
B65844-C2000
FEP0020-F
11,7
1 x 0,4
FEP0021-G
12,7
FEP0022-H
View A
1 0,1
7,75
_
0,3
11,6
9,7
3,5
14
13,1
A
0,8
2,5
3
B65844
Accessories
EP 13



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com