Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCF5801A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCF5801A
Description  CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCF5801A Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCF5801A Datasheet HTML 2Page - Texas Instruments CDCF5801A Datasheet HTML 3Page - Texas Instruments CDCF5801A Datasheet HTML 4Page - Texas Instruments CDCF5801A Datasheet HTML 5Page - Texas Instruments CDCF5801A Datasheet HTML 6Page - Texas Instruments CDCF5801A Datasheet HTML 7Page - Texas Instruments CDCF5801A Datasheet HTML 8Page - Texas Instruments CDCF5801A Datasheet HTML 9Page - Texas Instruments CDCF5801A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
VDDPD
2
* 0.2
VDDPD
2
) 0.2
VDDREF
2
* 0.2
VDDREF
2
) 0.2
TIMING REQUIREMENTS
CDCF5801A
SCAS816 – MARCH 2006
over operating free-air temperature (unless otherwise noted)(1)
VDDx(2)
Supply voltage range
-0.5 V to 4 V
Voltage range at any output terminal
-0.5 V to VDD + 0.5 V
Voltage range at any input terminal
-0.5 V to VDD + 0.5 V
Tstg
Storage temperature range
-65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260°C
(1)
Stresses beyond those listed under,, absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under,, recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the GND terminals.
POWER DISSIPATION RATING TABLE
TA≤ 25°C POWER
DERATING
TA = 85°C
PACKA
RATING
FACTOR(1)
POWER RATING
GE
ABOVE TA = 25°C
DBQ
830 mW
8.3 mW/°C
332 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance
when board-mounted and with no air flow.
MIN
NOM
MAX
UNIT
VDDP, VDDPA, VDDO
Supply voltage
3
3.3
3.6
V
VIH (CMOS)
High-level input voltage
0.7 VDD
V
VIL (CMOS)
Low-level input voltage
0.3 VDD
V
VIL (DLYCTRL, LEADLAG)
Input signal low voltage
V
VIH (DLYCTRL, LEADLAG)
Input signal high voltage
V
(VDDPD)
Input reference voltage for DLYCNTRL and LEADLAG
1.2
VDD
V
IOH
High-level output current
-16
mA
IOL
Low-level output current
16
mA
(VDDREF) (see Application
Input reference voltage for REFCLK
1.2
VDD
V
section)
VIL (see Application section)
REFCLK input low voltage
V
VIH (see Application section)
REFCLK input high voltage
V
TA
Operating free-air temperature
-40
85
°C
PARAMETER
MIN
MAX
UNIT
Fmod
Input frequency of modulation, (if driven by SSC CLKIN)
33
kHz
Modulation index, nonlinear maximum 0.5%
0.6%
SR
Input slew rate
1
4
V/ns
Input duty cycle on REFCLK
40%
60%
Input frequency on REFCLK
12.5
240
MHz
Output frequency on CLKOUT and CLKOUTB
25
280
MHz
Allowable frequency on DLYCTRL
240
MHz
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com