Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCF5801A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCF5801A
Description  CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCF5801A Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCF5801A Datasheet HTML 5Page - Texas Instruments CDCF5801A Datasheet HTML 6Page - Texas Instruments CDCF5801A Datasheet HTML 7Page - Texas Instruments CDCF5801A Datasheet HTML 8Page - Texas Instruments CDCF5801A Datasheet HTML 9Page - Texas Instruments CDCF5801A Datasheet HTML 10Page - Texas Instruments CDCF5801A Datasheet HTML 11Page - Texas Instruments CDCF5801A Datasheet HTML 12Page - Texas Instruments CDCF5801A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
STATE TRANSITION LATENCY SPECIFICATIONS
CDCF5801A
SCAS816 – MARCH 2006
JITTER SPECIFICATION (continued)
over recommended free-air temperature range and V
CC range (unless otherwise noted)
TEST CONDITIONS
PARAMETER
TYP (ps)
MAX (ps)
REFCLK
CLKOUT
MULT[0:1] P[0:2]
NOTES
(MHz)
(MHz)
Period rms (1-sigma jitter, full
25
200
10
011
4
11
frequency band)
Period p-p
20
48
Cycle to cycle +
16
45
Cycle to cycle -
16
45
Period rms (1-sigma jitter, full
25
100
10
010
4
11
frequency band)
Period p-p
22
55
Cycle to cycle +
15
45
Cycle to cycle -
15
45
Period rms (1-sigma jitter, full
70
280
11
011
4
11
Phase
frequency band)
aligner
not running
Period p-p
18
48
(LEADLAG
Cycle to cycle +
15
45
= 0,
DLYCTRL =
Cycle to cycle -
15
45
t(jitter)
0). All
Period rms (1-sigma jitter, full
25
50
10
001
6
16
typical
frequency band)
values are
at
Period p-p
34
75
VDD = 3.3
Cycle to cycle +
20
65
V, TA =
25°C.
Cycle to cycle -
20
65
Period rms (1-sigma jitter, full
78
156
11
010
3
11
frequency band)
Period p-p
15
44
Cycle to cycle +
13
40
Cycle to cycle -
13
40
Period rms (1-sigma jitter, full
62.5
125
00
011
6
20
frequency band)
Period p-p
35
80
Cycle to cycle +
25
75
Cycle to cycle -
25
75
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(DC)
Output duty cycle over 1000 cycles
See Figure 3
42%
58%
tr, tf
Output rise and fall times (measured at 20%-80% of output voltage
See Figure 5
150
250
350
ps
TEST
PARAMETER
FROM
TO
MIN
TYP
MAX
UNIT
CONDITION
Delay time, PWRDNB
↑ to CLKOUT /
3
CLKOUTB settled
t(powerup)
Power down
Normal
See Figure 6
ms
Delay time, PWRDNB
↑ to internal PLL
3
and clock are on and settled
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com