Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC4046AF Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4046AF
Description  High-Speed CMOS Logic Phase-Locked Loop with VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4046AF Datasheet(HTML) 12 Page - Texas Instruments

Back Button CD54HC4046AF Datasheet HTML 8Page - Texas Instruments CD54HC4046AF Datasheet HTML 9Page - Texas Instruments CD54HC4046AF Datasheet HTML 10Page - Texas Instruments CD54HC4046AF Datasheet HTML 11Page - Texas Instruments CD54HC4046AF Datasheet HTML 12Page - Texas Instruments CD54HC4046AF Datasheet HTML 13Page - Texas Instruments CD54HC4046AF Datasheet HTML 14Page - Texas Instruments CD54HC4046AF Datasheet HTML 15Page - Texas Instruments CD54HC4046AF Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
Offset Frequency
R2 = 220kΩ
C1 = 1nF
4.5
-
400
-
-
-
-
-
kHz
DEMODULATOR SECTION
VOUT VS fIN
R1 = 100kΩ
R2 =
∞
C1 = 100pF
RS = 10kΩ
R3 = 100kΩ
C2 = 100pF
4.5
-
330
-
-
-
-
-
mV/kHz
Switching Specifications CL = 50pF, Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuits and Waveforms
FIGURE 8. INPUT TO OUTPUT PROPAGATION DELAYS AND
OUTPUT TRANSITION TIMES
FIGURE 9. THREE STATE ENABLE AND DISABLE TIMES FOR
PC2OUT
VS
tPHL
tPHL
tTLH
tTLH
VS
SIGIN COMPIN
INPUTS
PCPOUT PC1OUT
PC3OUT OUTPUTS
VS
SIGIN
tPZH
VS
VS
tPZH
90%
INPUTS
COMPIN
INPUTS
PC2OUT
OUTPUT
tPZL
tPZL
10%
Typical Performance Curves
FIGURE 10. TYPICAL INPUT RESISTANCE CURVE AT SIGIN,
COMPIN
II
VI
∆VI
SELF-BIAS OPERATING POINT
CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com