Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC4046AF Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4046AF
Description  High-Speed CMOS Logic Phase-Locked Loop with VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4046AF Datasheet(HTML) 17 Page - Texas Instruments

Back Button CD54HC4046AF Datasheet HTML 13Page - Texas Instruments CD54HC4046AF Datasheet HTML 14Page - Texas Instruments CD54HC4046AF Datasheet HTML 15Page - Texas Instruments CD54HC4046AF Datasheet HTML 16Page - Texas Instruments CD54HC4046AF Datasheet HTML 17Page - Texas Instruments CD54HC4046AF Datasheet HTML 18Page - Texas Instruments CD54HC4046AF Datasheet HTML 19Page - Texas Instruments CD54HC4046AF Datasheet HTML 20Page - Texas Instruments CD54HC4046AF Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
17
FIGURE 33. DEFINITION OF VCO FREQUENCY LINEARITY
FIGURE 34. HC4046A VCO LINEARITY vs R1 (VCC = 4.5V)
FIGURE 35. HC4046A VCO LINEARITY vs R1 (VCC = 3V)
FIGURE 36. HC4046A VCO LINEARITY vs R1 (VCC = 6V)
FIGURE 37. HCT4046A VCO LINEARITY vs R1 (VCC = 4.5V,
VCC = 5.5V)
FIGURE 38. HC4046A DEMODULATOR POWER DISSIPATION
vs RS (TYP) (VCC = 3V, 4.5V, 6V)
Typical Performance Curves (Continued)
f
f2
f0
f0
f1
∆V
1/2VCC
VVCOIN
MIN
MAX
∆V
∆V = 0.5V OVER THE VCC RANGE:
FOR VCO LINEARITY
f’o = f1 + f2
2
LINEARITY =
f’o - fo
f’o
x 100%
1K
10K
100K
1M
10M
R1 (OHMS)
8
6
4
2
0
-2
-4
-6
-8
VCOIN = 2.25V ± 1V
C1 = 50pF
VCC = 4.5V
R2 = OPEN
VCOIN = 2.25V ± 0.45V
1K
10K
100K
1M
10M
R1 (OHMS)
8
6
4
2
0
-2
-4
-6
-8
VCOIN = 1.50V ± 0.4V
C1 = 50pF
VCC = 3V
R2 = OPEN
VCOIN = 1.50V ± 0.3V
1K
10K
100K
1M
10M
R1 (OHMS)
8
6
4
2
0
-2
-4
-6
-8
VCOIN = 3V ± 1.5V
C1 = 50pF
VCC = 6V
R2 = OPEN
VCOIN = 3V ± 0.6V
1K
10K
100K
1M
10M
R1 (OHMS)
8
6
4
2
0
-2
-4
-6
-8
VCC = 5.5V,
C1 = 50pF
R2 = OPEN
VCC = 4.5V,
VCOIN = 2.75V ±1.3V
VCOIN = 2.25V ±1.0V
VCC = 5.5V,
VCC = 4.5V,
VCOIN = 2.75V ±0.55V
VCOIN = 2.25V ±0.45V
VCOIN = 0.5 VCC
1K
10K
100K
1M
RS (OHMS)
104
103
102
10
1
VCC = 3V
VCC = 4.5V
VCC = 6V
CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com