Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA15 Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # HA15
Description  150 mA C-MOS L.D.O. Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

HA15 Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  HA15 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. HA15 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. HA15 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. HA15 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
150 mA C-MOS L.D.O. Regulator
LM1185SF
FEATURES
• Extremely Low Supply Current(50µA,Typ.)
• Very Low Dropout Voltage
• 150mA Output Current
• High Output Voltage Accuracy +/- 1.4 %
• Standard or Custom Output Voltages
• Over Currentand Over Temperature Protection
• Small input/output differential : 0.165V at 150mA
APPLICATIONS
• Battery Operated Systems
• Portable Computers
• Portable Cameras and Video Recorders
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulators for SMPS
ORDERING INFORMATION
• Pagers
(Note : "XX" is Output Voltage for SOT-25 Pkg,
1.5V=HA15, 1.8V=HA18….3.3V=HA33)
DESCRIPTION
0702 Taejin Technology Co.,Ltd.
HTC
Package
Marking
Device
LM1185 SF5
HAXX
SOT-25
1
The LM1185 series is a low-dropout linear regulators.
There are devices designed specifically for battery-operated Systems. Ground current is very small (2µA -
Typ), that significantly extending battery life.
Low power consumption and high accuracy is achieved through CMOS and programmable fuse
technologies. Output voltage: 1.5V to 6.0V.
The LM1185 consists of a high-precision voltage reference, an error correction circuit, and a current
limited output driver. With good transient responses, output remains stable even during load changes.
The SHDN input enables the output to be turned off, resulting in reduced power consumption. Also, the
LM1185 having high ripple rejection ratios, the series can be used with power supply noise. A 470pF
capacitor from the Bypass input to ground reduces noise present on the internal reference, which in turn
significantly reduces output noise.
If output noise is not a concern, this input may be left unconnected. Larger capacitor values Cbp be used,
but results in a longer time period to rated output voltage when power is initially applied.
The LM1185
incorporates both over-temperature and over-current protection. SOT23-5 (300mW) and SOT-89-5
(500mW) packages are available.
SOT-23-5L(SOT-25)
1.Vin 2.Gnd 3.SHDN 4.Bypass 5.Vout


Similar Part No. - HA15

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HA15 JGD-HA15 Datasheet
163Kb / 2P
1.0 AMP.HIGH EFFICIENCY RECTIFIERS
logo
SL Power Electronics
HA15-0.9-A+ SLPOWER-HA15-0.9-A+ Datasheet
720Kb / 7P
Commercial/Medical International Linears
HA15-0.9-A+(12V)G SLPOWER-HA15-0.9-A+(12V)G Datasheet
374Kb / 7P
DC Power Supplies
HA15-0.9-A+G SLPOWER-HA15-0.9-A+G Datasheet
374Kb / 7P
DC Power Supplies
logo
Power-One
HA15-0.9-AG POWER-ONE-HA15-0.9-AG Datasheet
478Kb / 9P
Linear Power Supplies Data Sheet
More results

Similar Description - HA15

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
1A L.D.O. VOLTAGE REGULATOR
LM1108F HTC-LM1108F Datasheet
177Kb / 4P
300mA C-MOS L.D.O. Regulator
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
logo
HTC Korea TAEJIN Techno...
LM1108 HTC-LM1108 Datasheet
216Kb / 4P
300mA CMOS L.D.O. Regulator
LM1185SF HTC-LM1185SF_08 Datasheet
176Kb / 4P
150 mA C-MOS L.D.O. Regulator
LM8805 HTC-LM8805 Datasheet
181Kb / 5P
600mA CMOS L.D.O. Regulator
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
ABLIC Inc.
S-1312XXXH ABLIC-S-1312XXXH Datasheet
1Mb / 39P
105°C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.2_00
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
150 mA Low Dropout Regulator
09/14/21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com