Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7566R Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7566R
Description  24-BIT x 4-AXES QUADRATURE COUNTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7566R Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7566R Datasheet HTML 1Page - LSI Computer Systems LS7566R Datasheet HTML 2Page - LSI Computer Systems LS7566R Datasheet HTML 3Page - LSI Computer Systems LS7566R Datasheet HTML 4Page - LSI Computer Systems LS7566R Datasheet HTML 5Page - LSI Computer Systems LS7566R Datasheet HTML 6Page - LSI Computer Systems LS7566R Datasheet HTML 7Page - LSI Computer Systems LS7566R Datasheet HTML 8Page - LSI Computer Systems LS7566R Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MDR0 (x0MDR0, x1MDR0, x2MD0, x3MDR0): The MDR0 is an 8-bit read/write register which configures the counting
modes and the index input functionality. Upon power-up, the MDR0 is cleared to zero.
MDR0: B7 B6 B5 B4 B3 B2 B1 B0
B1B0 = 00: Non-quadrature count mode (A = clock, B = direction).
= 01: x1 quadrature count mode (one count per quadrature cycle).
= 10: x2 quadrature count mode (two counts per quadrature cycle).
= 11: x4 quadrature count mode (four counts per quadrature cycle).
B3B2 = 00: Free-running count mode.
= 01: Single-cycle count mode (CNTR disabled with carry and borrow, re-enabled with reset or load)
= 10: Range-limit count mode (up and down count ranges are limited between PR and zero, respectively.
Counting freezes at these limits but resumes when the direction is reversed)
= 11: Modulo-n count mode (input count clock frequency is divided by a factor of [n+1], where n = PR. In
up direction, the CNTR is cleared to 0 at CNTR = PR and up count continues. In down direction, the
CNTR is preset to the value of PR at CNTR = 0 and down count continues. A mod-n rollover marker
pulse is generated at each limit at the FLGa output).
B5B4 = 00: Disable INDX/ input.
= 01: Configure INDX/ input as the load CNTR input (transfers PR to CNTR).
= 10: Configure INDX/ as the reset _CNTR input (clears CNTR to 0).
= 11: Configure INDX/ as the load_OL input (transfers CNTR to OL).
B6 = 0: Asynchronous INDX/ input
= 1: Synchronous INDX/ input (overridden in non-Quadrature Mode)
B7 = 0: Input filter clock (PCK) division factor = 1. Filter clock frequency = fPCK.
= 1: Input filter clock division factor = 2. Filter clock frequency = fPCK/2.
MDR1 (x0MDR1, x1MDR1, x2MD1, x3MDR1): The MDR1 is an 8-bit read/write register which configures the FLGa and
FLGb output functionality. In addition, the MDR1 can be used to enable/disable counting.Upon power-up, the MDR1 is
cleared to zero:
MDR1: B7 B6 B5 B4 B3 B2 B1 B0
B0
= 1: Enable Carry on FLGa (flags CNTR overflow; latched or unlatched logic low on carry).
B1
= 1: Enable Borrow on FLGa (flags CNTR underflow, latched or unlatched logic low on borrow).
B2
= 1: Enable Compare on FLGa (In free-running count mode a latched or unlatched logic low is generated
in both up and down count directions at CNTR = PR. In contrast, in range-limit and mod-n count modes
a latched or unlatched low is generated at CNTR = PR in the up-count direction only.
B3
= 1: Enable index on FLGa (flags index, latched or unlatched logic low when INDX/ input is at active level)
B5B4 = 00: FLGb disabled (fixed high)
= 01: FLGb = Sign, high for negative signifying CNTR underflow, low for positive.
= 10: FLGb = Up/Down count direction, high in count-up, low in count-down.
B6
= 0: Enable counting.
= 1: Disable counting.
B7
= 0: FLGa is latched.
= 1: FLGa is non-latched and instantaneous.
NOTE: Carry, Borrow, Compare and Index can all be simultaneously enabled on FLGa.
7566R-122205-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com