Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7566R Datasheet(PDF) 12 Page - LSI Computer Systems

Part # LS7566R
Description  24-BIT x 4-AXES QUADRATURE COUNTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7566R Datasheet(HTML) 12 Page - LSI Computer Systems

Back Button LS7566R Datasheet HTML 5Page - LSI Computer Systems LS7566R Datasheet HTML 6Page - LSI Computer Systems LS7566R Datasheet HTML 7Page - LSI Computer Systems LS7566R Datasheet HTML 8Page - LSI Computer Systems LS7566R Datasheet HTML 9Page - LSI Computer Systems LS7566R Datasheet HTML 10Page - LSI Computer Systems LS7566R Datasheet HTML 11Page - LSI Computer Systems LS7566R Datasheet HTML 12Page - LSI Computer Systems LS7566R Datasheet HTML 13Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
7566R-121405-12
IMR
AND
ISR
STR
MUX
AND-OR
OR
MDR1
MDR0
CNTR
OL2
OL1
OL0
MARKER
LOGIC
C
O
M
P
A
R
A
T
O
R
CMR
ONE-SHOT
POWER
ON
RESET
DRV
DRV
DRV
COUNT MODE
CONTROL
INPUT BUFFER
& REGISTER
OUTPUT BUFFER
INPUT BUFFER &
SELECT LOGIC
INPUT BUFFER &
SELECT LOGIC
INPUT BUFFER &
RD/WR LOGIC
INPUT BUFFER
AND DIVIDER
FILTER AND
CLOCK COUNT
& INDEX
GENERATOR
PR2
PR1
PR0
CMP
LD/RST_CNTR
LD/RST_OL
UP/DN
CLOCK
CEN
MODE
MODE
FLTR_CK
MODE
READ
WRITE
REG_WR<7:0>
REG_RD<6:0>
AXES_SLCT<3:0>
(8)
(8)
(8)
(8)
(8)
(8)
(8)
(8)
MODE_CONTROLS
FLAG_MASKS
REG_RD<6:0>
IN_BUS<7:0>
OUT_BUS<7:0>
LOAD, SET & RESET
PULSES FOR ALL
REGISTERS
IN_BUS<7:0>
x0FLGb
x0FLGa
INT/
CY, BW, CMP, INDX
UP/DN,SIGN, CEN
(8)
FLAG_MASKS
OUT_BUS<7:4>
REG_RD<3>
AXES_SLCT<0>
REG_WR<0>
REG_RD<0>
FLG0a<3:0>
OUT_BUS<3:0>
OUT_BUS<7:4>
IN_BUS<3:0>
FLG0a<0>
REG_WR<7:0>
24
24
(24)
2
2
(0)
(4)
(4)
(4)
RD/
WR/
CS/
RS0
RS1
RS2
CHS0
CHS1
PCK
x0A
x0B
x0INDX/
DB<7:0>
CLOCK
UP/DN
CEN
INDX
<0>
CY, BW, SIGN
FIGURE 11. LS7566R BLOCK DIAGRAM
NOTE : For Clarity, only Axis0 is included
AXES_SLCT<0>
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com