Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3D08065L Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # S3D08065L
Description  650V SIC POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S3D08065L Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  S3D08065L Datasheet HTML 1Page - SMC Diode Solutions Co. LTD S3D08065L Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S3D08065L Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S3D08065L Datasheet HTML 4Page - SMC Diode Solutions Co. LTD S3D08065L Datasheet HTML 5Page - SMC Diode Solutions Co. LTD S3D08065L Datasheet HTML 6Page - SMC Diode Solutions Co. LTD S3D08065L Datasheet HTML 7Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Technical Data
Data Sheet N2416, REV.-
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
S3D08065L
S3D08065L
650V SIC POWER SCHOTTKY RECTIFIER
Description
Circuit Diagram
Features
Applications
DFN8*8
Alternative energy inverters
Power Factor Correction (PFC)
Free-Wheeling diodes
Switching supply output rectification
Reverse polarity protection
S3D08065L is a SiC Schottky rectifier packaged in
DFN8*8 case. The device is a high voltage Schottky
rectifier that has very low total conduction losses and
very stable switching characteristics over temperature
extremes. The S3D08065L is ideal for energy sensitive,
high frequency applications in challenging
environments.
175°C TJ operation
Ultra-low switching loss
Switching speeds independent of operating temperature
Low total conduction losses
High forward surge current capability
High package isolation voltage
Terminals finish: 100% Pure Tin
Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional electrical and life testing can be performed
upon request


Similar Part No. - S3D08065L

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
S3D08065A SMCDIODE-S3D08065A Datasheet
1Mb / 10P
650V SIC POWER SCHOTTKY RECTIFIERS
REV. D
S3D08065E SMCDIODE-S3D08065E Datasheet
1Mb / 10P
650V SIC POWER SCHOTTKY RECTIFIERS
REV. D
S3D08065ETR SMCDIODE-S3D08065ETR Datasheet
1Mb / 10P
650V SIC POWER SCHOTTKY RECTIFIERS
REV. D
S3D08065F SMCDIODE-S3D08065F Datasheet
1Mb / 10P
650V SIC POWER SCHOTTKY RECTIFIERS
REV. D
S3D08065G SMCDIODE-S3D08065G Datasheet
1Mb / 10P
650V SIC POWER SCHOTTKY RECTIFIERS
REV. D
More results

Similar Description - S3D08065L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW20G65C5B INFINEON-IDW20G65C5B_15 Datasheet
742Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW24G65C5B INFINEON-IDW24G65C5B_15 Datasheet
732Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW32G65C5B INFINEON-IDW32G65C5B_15 Datasheet
735Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW40G65C5B INFINEON-IDW40G65C5B_15 Datasheet
707Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
logo
UnitedSiC.
UJ3D06516TS UNITEDSIC-UJ3D06516TS Datasheet
966Kb / 5P
16A - 650V SiC Schottky Diode
Rev. B, January 2018
UJ3D06520KSD UNITEDSIC-UJ3D06520KSD Datasheet
558Kb / 5P
20A - 650V SiC Schottky Diode
Rev. B, April 2018
UJD06506TS UNITEDSIC-UJD06506TS Datasheet
514Kb / 4P
6A - 650V SiC Schottky Diode
Rev. B, November 2016
logo
Infineon Technologies A...
IDDD12G65C6 INFINEON-IDDD12G65C6 Datasheet
651Kb / 9P
650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
logo
Silicon Supplies
SIS650S20AS SS-SIS650S20AS Datasheet
989Kb / 3P
650V 20A SiC Schottky Diode
Rev 1.0 30/10/23
SIS650S30AS SS-SIS650S30AS Datasheet
1Mb / 3P
650V 30A SiC Schottky Diode
Rev 1.0 30/10/23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com