Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3D08065M Datasheet(PDF) 6 Page - SMC Diode Solutions Co. LTD

Part # S3D08065M
Description  650V SIC POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S3D08065M Datasheet(HTML) 6 Page - SMC Diode Solutions Co. LTD

  S3D08065M Datasheet HTML 1Page - SMC Diode Solutions Co. LTD S3D08065M Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S3D08065M Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S3D08065M Datasheet HTML 4Page - SMC Diode Solutions Co. LTD S3D08065M Datasheet HTML 5Page - SMC Diode Solutions Co. LTD S3D08065M Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Technical Data
Data Sheet N2513, REV.-
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
S3D08065M
Mechanical Dimensions PDFNWB5×6-8L
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.900
1.000
0.035
0.039
A3
0.254 REF.
0.010REF.
D
4.944
5.096
0.195
0.201
E
5.974
6.126
0.235
0.241
D1
3.910
4.110
0.154
0.162
E1
3.375
3.575
0.133
0.141
D2
4.824
4.976
0.190
0.196
E2
5.674
5.826
0.223
0.229
k
1.190
1.390
0.047
0.055
b
0.350
0.450
0.014
0.018
e
1.270 TYP.
0.050 TYP.
L
0.559
0.711
0.022
0.028
L1
0.424
0.576
0.017
0.023
H
0.574
0.726
0.023
0.029
Θ
10°
12°
10°
12°
DISCLAIMER:
1- The information given herein, including the specifications and dimensions, is subject to change without prior notice to improve product
characteristics. Before ordering, purchasers are advised to contact the SMC Diode Solutions sales department for the latest version of
the datasheet(s).
2- In cases where extremely high reliability is required (such as use in nuclear power control, aerospace and aviation, traffic equipment,
medical equipment , and safety equipment) , safety should be ensured by using semiconductor devices that feature assured safety or by
means of users’ fail-safe precautions or other arrangement .
3- In no event shall SMC Diode Solutions be liable for any damages that may result from an accident or any other cause during
operation of the user’s units according to the datasheet(s). SMC Diode Solution assumes no responsibility for any intellectual property
claims or any other problems that may result from applications of information, products or circuits described in the datasheets.
4- In no event shall SMC Diode Solutions be liable for any failure in a semiconductor device or any secondary damage resulting from use
at a value exceeding the absolute maximum rating.
5- No license is granted by the datasheet(s) under any patents or other rights of any third party or SMC Diode Solutions.
6- The datasheet(s) may not be reproduced or duplicated, in any form, in whole or part, without the expressed written permission of SMC
Diode Solutions.
7- The products (technologies) described in the datasheet(s) are not to be provided to any party whose purpose in their application will
hinder maintenance of international peace and safety nor are they to be applied to that purpose by their direct purchasers or any third
party. When exporting these products (technologies), the necessary procedures are to be taken in accordance with related laws and
regulations.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com