Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3D08065M Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # S3D08065M
Description  650V SIC POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S3D08065M Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  S3D08065M Datasheet HTML 1Page - SMC Diode Solutions Co. LTD S3D08065M Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S3D08065M Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S3D08065M Datasheet HTML 4Page - SMC Diode Solutions Co. LTD S3D08065M Datasheet HTML 5Page - SMC Diode Solutions Co. LTD S3D08065M Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data
Data Sheet N2513, REV.-
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
S3D08065M
* Pulse width < 300 µs, duty cycle < 2%
Maximum Ratings
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VDC
-
650
V
Average Rectified Forward Current
IF (AV)1
@Tc=25°C
24
A
IF (AV)2
@Tc=153°C
8
A
Repetitive Peak Forward Surge Current
IFRM1
10ms, Half Sine pulse, TC =25°C
37.5
A
IFRM2
10ms, Half Sine pulse, TC =110°C
25.5
A
Peak One Cycle Non-Repetitive Surge Current
IFSM1
10ms, Half Sine pulse, TC =25°C
71
A
IFSM2
10ms, Half Sine pulse, TC =110°C
60
A
Non-Repetitive Peak Forward Surge Current
IF,Max1
10μs. Pulse, TC =25℃
650
A
IF,Max2
10μs. Pulse, TC =110℃
530
A
Power Dissipation
Ptot1
TJ =25℃
79.0
W
Ptot2
TJ =110℃
34.2
W
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max. Units
Forward Voltage Drop*
VF1
@ 8A, Pulse, TJ = 25 C
1.4
1.7
V
VF2
@ 8A, Pulse, TJ = 175 C
1.7
2.4
V
Reverse Current*
IR1
@VR = rated VR
TJ = 25 C
3
20
uA
IR2
@VR = rated VR
TJ = 175 C
30
200
uA
Junction Capacitance
CT
VR=0V, Tj=25℃,f=1MHz
650
-
pF
Reverse Recovery Charge
Qc
IF = 8A, di/dt = 500A/μs
VR = 400 V, TJ =25°C
40.55
-
nC
Capacitance Stored Energy
EC
VR = 400 V
9.93
-
μJ
Characteristics
Symbol
Condition
Specification Units
Junction Temperature
TJ
-
-55 to +175
C
Storage Temperature
Tstg
-
-55 to +175
C
Typical Thermal Resistance Junction to Case
RJC
DC operation
1.9
C/W
Thermal-Mechanical Specifications:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com