Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F800DT Datasheet(PDF) 14 Page - STMicroelectronics

Part # M29F800DT
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F800DT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M29F800DT Datasheet HTML 10Page - STMicroelectronics M29F800DT Datasheet HTML 11Page - STMicroelectronics M29F800DT Datasheet HTML 12Page - STMicroelectronics M29F800DT Datasheet HTML 13Page - STMicroelectronics M29F800DT Datasheet HTML 14Page - STMicroelectronics M29F800DT Datasheet HTML 15Page - STMicroelectronics M29F800DT Datasheet HTML 16Page - STMicroelectronics M29F800DT Datasheet HTML 17Page - STMicroelectronics M29F800DT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
Bus operations
M29F800DT
14/53
3
Bus operations
There are five standard bus operations that control the device. These are Bus Read, Bus
Write, Output Disable, Standby and Automatic Standby. See Table 2: Bus operations, BYTE
= VIL, and Table 3: Bus operations, BYTE = VIH for a summary. Typically glitches of less
than 5ns on Chip Enable or Write Enable are ignored by the memory and do not affect bus
operations.
3.0.1
Bus Read
Bus Read operations read from the memory cells, or specific registers in the Command
Interface. A valid Bus Read operation involves setting the desired address on the Address
Inputs, applying a Low signal, VIL, to Chip Enable and Output Enable and keeping Write
Enable High, VIH. The Data Inputs/Outputs will output the value, see Figure 10: Read Mode
AC waveforms, and Table 12: Read AC characteristics for details of when the output
becomes valid.
3.0.2
Bus Write
Bus Write operations write to the Command Interface. A valid Bus Write operation begins by
setting the desired address on the Address Inputs. The Address Inputs are latched by the
Command Interface on the falling edge of Chip Enable or Write Enable, whichever occurs
last. The Data Inputs/Outputs are latched by the Command Interface on the rising edge of
Chip Enable or Write Enable, whichever occurs first. Output Enable must remain High, VIH,
during the whole Bus Write operation. See Figure 11: Write AC waveforms, Write Enable
controlled, Figure 12: Write AC waveforms, Chip Enable controlled, Table 13: Write AC
characteristics, Write Enable controlled, and Table 14: Write AC characteristics, Chip
Enable controlled, for details of the timing requirements.
3.0.3
Output Disable
The Data Inputs/Outputs are in the high impedance state when Output Enable is High, VIH.
3.0.4
Standby
When Chip Enable is High, VIH, the memory enters Standby mode and the Data
Inputs/Outputs pins are placed in the high-impedance state. To reduce the Supply Current to
the Standby Supply Current, ICC2, Chip Enable should be held within VCC ± 0.2V. For the
Standby current level see Table 11: DC characteristics.
During program or erase operations the memory will continue to use the Program/Erase
Supply Current, ICC3, for Program or Erase operations until the operation completes.
3.0.5
Automatic Standby
If CMOS levels (VCC ± 0.2V) are used to drive the bus and the bus is inactive for 150ns or
more the memory enters Automatic Standby where the internal Supply Current is reduced to
the Standby Supply Current, ICC2. The Data Inputs/Outputs will still output data if a Bus
Read operation is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com