Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F800DT Datasheet(PDF) 42 Page - STMicroelectronics

Part # M29F800DT
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F800DT Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M29F800DT Datasheet HTML 38Page - STMicroelectronics M29F800DT Datasheet HTML 39Page - STMicroelectronics M29F800DT Datasheet HTML 40Page - STMicroelectronics M29F800DT Datasheet HTML 41Page - STMicroelectronics M29F800DT Datasheet HTML 42Page - STMicroelectronics M29F800DT Datasheet HTML 43Page - STMicroelectronics M29F800DT Datasheet HTML 44Page - STMicroelectronics M29F800DT Datasheet HTML 45Page - STMicroelectronics M29F800DT Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
Common Flash Interface (CFI)
M29F800DT
42/53
Appendix B
Common Flash Interface (CFI)
The Common Flash Interface is a JEDEC approved, standardized data structure that can be
read from the Flash memory device. It allows a system software to query the device to
determine various electrical and timing parameters, density information and functions
supported by the memory. The system can interface easily with the device, enabling the
software to upgrade itself when necessary.
When the CFI Query Command is issued the device enters CFI Query mode and the data
structure is read from the memory. Table 21, Table 22, Table 23, Table 24, Table 25, and
Table 26 show the addresses used to retrieve the data.
The CFI data structure also contains a security area where a 64 bit unique security number
is written (see Table 26: Security Code Area). This area can be accessed only in Read
mode by the final user. It is impossible to change the security number after it has been
written by ST. Issue a Read command to return to Read mode.
Table 21.
Query structure overview(1)
1.
Query data are always presented on the lowest order data outputs.
Address
Sub-section name
Description
x16
x8
10h
20h
CFI Query Identification String Command set ID and algorithm data offset
1Bh
36h
System Interface Information
Device timing & voltage information
27h
4Eh
Device Geometry Definition
Flash device layout
40h
80h
Primary Algorithm-specific
Extended Query table
Additional information specific to the
Primary Algorithm (optional)
61h
C2h
Security Code Area
64 bit unique device number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com