Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLEX405 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FLEX405
Description  Fire Alarm Control Panel with built-in DACT and remote-site upload/download capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FLEX405 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FLEX405 Datasheet HTML 1Page - List of Unclassifed Manufacturers FLEX405 Datasheet HTML 2Page - List of Unclassifed Manufacturers FLEX405 Datasheet HTML 3Page - List of Unclassifed Manufacturers FLEX405 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Flex 405
CS-2405
02/15/05
Page 3 of 4
51348t1.tbl
Format #
(Addresses 16 & 42)
Ademco
685 (1)
Silent
Knight
9000
ITI
CS-4000
(3)
FBI
CP220FB
Osborne
Hoffman
Models
1 & 2
Radionics
6000/6500
(5)
Sescoa
3000R
(7)
SurGuard
MLR-2
(9)
0
4+1 Ademco Express


1
4+2 Ademco Express

 (8)

2
3+1/Standard/1800/2300
 (2)
 (4)
 (5, 6)

3
3+1/Expanded/1800/2300
 (2)
 (4)


4
3+1/Standard/1900/1400
 (2)
 (4)


5
3+1/Expanded/1900/1400
 (2)
 (4)


6
4+1/Standard/1800/2300
 (2)
 (4)
 (5)

7
4+1/Expanded/1800/2300
 (2)
 (4)


8
4+1/Standard/1900/1400
 (2)
 (4)


9
4+1/Expanded/1900/1400
 (2)
 (4)


A
4+2/Standard/1800/2300
 (2)
 (4)
 (5)

B
4+2/Expanded/1800/2300
 (2)
 (4)


C
4+2/Standard/1900/1400
 (2)
 (4)


D
4+2/Expanded/1900/1400
 (2)
 (4)


E
(NOT USED)
F
(NOT USED)
UL-Listed Receivers Compatible with the Flex 405
KEY:
KEY:
KEY:
KEY:
KEY:
(1)
(1)
(1)
(1)
(1) With 685-8 Line Card with Rev. 4.4d software.
(2)
(2)
(2)
(2)
(2) With 9002 Line Card Rev. 9035 software or 9032 Line Card with 9326A software.
(3)
(3)
(3)
(3)
(3) Rev. 4.0 software.
(4)
(4)
(4)
(4)
(4) FBI CP220FB Rec-11 Line Card with Rev. 2.6 software and a memory card with
Rev. 3.8 software.
(5)
(5)
(5)
(5)
(5) Model 6500 with Rev. 600 software.
(6)
(6)
(6)
(6)
(6) Model 6000 with Rev. 204 software.
(7)
(7)
(7)
(7)
(7) With Rev. B control card at Rev. 1.4 software and Rev. C line card at Rev. 1.5 software.
(8)
(8)
(8)
(8)
(8) Model 2 only.
(9)
(9)
(9)
(9)
(9) Version 1.62 software.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com