Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLEX405 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FLEX405
Description  Fire Alarm Control Panel with built-in DACT and remote-site upload/download capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FLEX405 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FLEX405 Datasheet HTML 1Page - List of Unclassifed Manufacturers FLEX405 Datasheet HTML 2Page - List of Unclassifed Manufacturers FLEX405 Datasheet HTML 3Page - List of Unclassifed Manufacturers FLEX405 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Flex 405
CS-2405
02/15/05
Page 1 of 4
Description
The Gamewell Flex 405 is a 24-volt,
five-zone Fire Alarm Control Panel
FACP) with built-in communicator
and remote-site upload/download
capability. The integral communica-
tor transmits event information
(alarms, troubles, supervisories,
faults, etc.) to a UL-Listed central
station. The Flex 405 may be used
in a variety of cost-effective applica-
tions, including: local fire alarm
control panel (communicator dis-
abled), fire alarm control panel/
communicator, stand-alone sprin-
kler supervisory communicator, or
slave communicator to a UL-Listed
host fire alarm panel (requires normally-open dry contacts to trigger five
channels). Selectable transmission formats allow the Flex 405 to communi-
cate to virtually all central stations.
Remote-Site Upload/Download
The Flex 405 may be downloaded or uploaded without affecting the system
fire protection. Download system programming, and upload key system
information such as: current system status, history and walk test files;
zone, AC line, NAC 1 and NAC 2, resettable power and battery voltages;
and system programming. Upload or download within one minute without
affecting normal fire panel functions. The upload/download function also
features multiple security techniques. The Flex 405 requires the PK-CD
PK-CD
PK-CD
PK-CD
PK-CD
programming kit, which works with most Hayes-compatible modems
(consult factory for listing).
Features
• Five programmable Initiating Device Circuits
(zones). Each zone may be programmed for:
two-wire smoke detectors, normally open
contact devices (pull stations, heat
detectors), four-wire smoke detectors,
waterflow operation, supervisory operation,
auto-reset supervisory operation.
• Two built-in, Class A or B (Style Z or Y)
Notification Appliance Circuits (NACs). NACs
may be programmed: silenceable, non-
silenceable (a strobe circuit can keep flashing
after the panel is silenced), auto-silence
(program 5 to 30 minutes), silence inhibit (60
seconds), coding (march time, temporal,
California).
• 3.0 amps of notification appliance power,
expandable to 5.0 amps (meets the critical
power requirements for ADA and UL-1971
devices).
• Two built-in Form-C Alarm and Trouble relays.
• Supervisory and communication fail outputs.
• Dual-line rotary- or Touch-Tone®-dial DACT
interfaces to public telephone network
(leased phone lines are not required).
• 24-Volt operation.
• Built-in voltmeter measures: zone voltage;
primary AC line voltage; battery voltage;
NAC(s) voltage; resettable 24-volt power.
• Surface Mount Technology (SMT).
• Fully programmable via built-in keypad (no
costly external programmers necessary).
• Complies with NFPA 72 (Local, Central
Station and Remote Station [DACT only – not
polarity reversal] Fire Alarm Systems).
• Reporting formats include:
3+1, 4+1, 4+2 Standard + Expanded;
4+1, 4+2, Ademco Express.
• Integral battery charger for up to 60 hours of
standby power.
• Fuseless, power-limited technology meets UL
power-limiting requirements.
• Programmable alarm presignal timer, alarm
verification timer, and optional trouble
reminder.
• Single-person walk test. Fire drill function.
• Zone disable capability (software).
• 32-Event history buffer with time-and-date
stamp. Accurate real-time clock/calendar.
• Extensive built-in transient protection.
• Electronics and operational controls fully
enclosed in a lockable cabinet capable of
housing up to 7 AH batteries.
• Optional: contact-by-zone module, remote
annunciator, printer interface for on- or off-
line printing.
Listings
Listings and approvals below apply to the
basic Flex 405 panel. In some cases, certain
modules may not be listed by certain approval
agencies, or listing may be in process.
Consult factory for latest listing status.
• UL Listed.
• CSFM approved: file 7165-1288:179.
• MEA approved: file 366-04-E.
Flex 405
Fire Alarm Control Panel with built-in DACT
and remote-site upload/download capability


Similar Part No. - FLEX405

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
FLEX400 PROTOADVANTAGE-FLEX400 Datasheet
638Kb / 2P
Flexible 400 pts solder-in breadboard (Exact Solderless Match)
revision 1.1
More results

Similar Description - FLEX405

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
243Kb / 3P
Compact Analog Addressable Fire Alarm Control Panel
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
Fire Alarm Control Panel
FLEX4 GAMEWELL-FCI-FLEX4 Datasheet
147Kb / 4P
Conventional Fire Alarm Control Panels
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
Two-Zone Fire Alarm Control Panel
F404 GAMEWELL-FCI-F404 Datasheet
80Kb / 2P
Four-Zone Fire Alarm Control Panel
F405 GAMEWELL-FCI-F405 Datasheet
101Kb / 4P
Fire Alarm Control Panel with built-in DACT and remote-site upload/download capability
logo
Silan Microelectronics ...
SC51D01F16A SILAN-SC51D01F16A Datasheet
789Kb / 21P
REMOTE CONTROL WITH BUILT-IN FLASH AND CODE SAMPLING FUNCTION
logo
Gamewell-FCI by Honeywe...
7100-1-PNL GAMEWELL-FCI-7100-1-PNL Datasheet
269Kb / 3P
Compact Analog Addressable Fire Alarm Control Panel
SLP-BLK GAMEWELL-FCI-SLP-BLK Datasheet
142Kb / 4P
Small Addressable Fire Alarm Control Panel
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
Addressable Fire Alarm Control Panel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com