Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4D30120D Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # S4D30120D
Description  1200V SIC POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S4D30120D Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  S4D30120D Datasheet HTML 1Page - SMC Diode Solutions Co. LTD S4D30120D Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S4D30120D Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S4D30120D Datasheet HTML 4Page - SMC Diode Solutions Co. LTD S4D30120D Datasheet HTML 5Page - SMC Diode Solutions Co. LTD S4D30120D Datasheet HTML 6Page - SMC Diode Solutions Co. LTD S4D30120D Datasheet HTML 7Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Technical Data
Data Sheet N2388, REV.C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
S4D30120D
S4D30120D
1200V SIC POWER SCHOTTKY RECTIFIER
Description
Circuit Diagram
Features
Applications
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
1200
V
Average Rectified Forward Current
IF (AV)1
Tc =25°C
46 (per leg)
A
92 (per device)
A
IF (AV)2
Tc =148°C
15 (per leg)
A
30 (per device)
Peak One Cycle Non-Repetitive Surge
Current (per leg)
IFSM
10ms, Half Sine pulse, Tc = 25 C
130
A
Repetitive Peak Forward Surge Current
(per leg)
IFRM
10ms, Half Sine pulse, Tc = 25 C
68
A
Power Dissipation (per leg)
Ptot1
Tc =25℃
178.6
W
Ptot1
Tc =110℃
77.4
W
TO-247AD(TO-247-3)
Alternative energy inverters
Power Factor Correction (PFC)
Free-Wheeling diodes
Switching supply output rectification
Reverse polarity protection
S4D30120D is a single SiC Schottky rectifier packaged in
TO-247AD(TO-247-3) case. The device is a high voltage
Schottky rectifier that has very low total conduction
losses and very stable switching characteristics over
temperature extremes. The S4D30120D is ideal for
energy sensitive, high frequency applications in
challenging environments.
175°C TJ operation
Ultra-low switching loss
Switching speeds independent of operating temperature
Low total conduction losses
High forward surge current capability
High package isolation voltage
Terminals finish: 100% Pure Tin
“-A” is an AEC-Q101 qualified device
Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional electrical and life testing can be performed
upon request


Similar Part No. - S4D30120D

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
S4D30120G SMCDIODE-S4D30120G Datasheet
1Mb / 7P
1200V SIC POWER SCHOTTKY RECTIFIERS
REV.E
S4D30120G0 SMCDIODE-S4D30120G0 Datasheet
1Mb / 7P
1200V SIC POWER SCHOTTKY RECTIFIER
REV.-
S4D30120G0TR SMCDIODE-S4D30120G0TR Datasheet
1Mb / 7P
1200V SIC POWER SCHOTTKY RECTIFIER
REV.-
S4D30120H SMCDIODE-S4D30120H Datasheet
1Mb / 7P
1200V SIC POWER SCHOTTKY RECTIFIERS
REV.E
More results

Similar Description - S4D30120D

ManufacturerPart #DatasheetDescription
logo
UnitedSiC.
UJ2D1205T UNITEDSIC-UJ2D1205T Datasheet
517Kb / 4P
5A - 1200V SiC Schottky Diode
Rev. B, October 2016
UJ2D1220K UNITEDSIC-UJ2D1220K Datasheet
520Kb / 4P
20A - 1200V SiC Schottky Diode
Rev. B, October 2016
UJ2D1230K UNITEDSIC-UJ2D1230K Datasheet
517Kb / 4P
30A - 1200V SiC Schottky Diode
Rev. B, October 2016
UJ3D1202TS UNITEDSIC-UJ3D1202TS Datasheet
302Kb / 6P
2A -1200V SiC Schottky Diode
Rev. C, February 2020
UJ3D1210K2 UNITEDSIC-UJ3D1210K2 Datasheet
310Kb / 6P
10A -1200V SiC Schottky Diode
Rev. B, April 2020
UJ3D1210KS UNITEDSIC-UJ3D1210KS Datasheet
326Kb / 6P
10A -1200V SiC Schottky Diode
Rev. C, February 2020
UJ3D1210KSD UNITEDSIC-UJ3D1210KSD Datasheet
332Kb / 6P
10A -1200V SiC Schottky Diode
Rev. C, February 2020
UJ3D1210TS UNITEDSIC-UJ3D1210TS Datasheet
311Kb / 6P
10A -1200V SiC Schottky Diode
Rev. C, February 2020
UJ3D1250K UNITEDSIC-UJ3D1250K Datasheet
329Kb / 6P
50A -1200V SiC Schottky Diode
Rev. D, May 2020
UJ3D1250K2 UNITEDSIC-UJ3D1250K2 Datasheet
315Kb / 6P
50A -1200V SiC Schottky Diode
Rev. B, April 2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com