Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4D30120D Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # S4D30120D
Description  1200V SIC POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S4D30120D Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  S4D30120D Datasheet HTML 1Page - SMC Diode Solutions Co. LTD S4D30120D Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S4D30120D Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S4D30120D Datasheet HTML 4Page - SMC Diode Solutions Co. LTD S4D30120D Datasheet HTML 5Page - SMC Diode Solutions Co. LTD S4D30120D Datasheet HTML 6Page - SMC Diode Solutions Co. LTD S4D30120D Datasheet HTML 7Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical Data
Data Sheet N2388, REV.C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
S4D30120D
* Pulse width < 300 µs, duty cycle < 2%
Characteristics
Symbol
Condition
Specification Units
Junction Temperature
TJ
-
-55 to +175
C
Storage Temperature
Tstg
-
-55 to +175
C
Typical Thermal Resistance Junction to
Case
RJC
DC operation, Tj=25℃
0.84(per leg)
0.42(both leg)
C/W
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max. Units
Forward Voltage Drop (per leg)*
VF1
@ 15A, Pulse, TJ = 25 C
1.5
1.8
V
VF2
@ 15A, Pulse, TJ = 175 C
2.2
3.0
V
Reverse Current (per leg)*
IR1
@VR = rated VR
TJ = 25 C
3
40
uA
IR2
@VR = rated VR
TJ = 175 C
10
50
uA
Junction Capacitance(per leg)
CT
VR=0V, Tj=25℃, f=1MHz
990
-
pF
Reverse Recovery Charge(per leg)
Qc
IF = 15A, di/dt = 200A/μs
VR = 800 V, TJ =25°C
76.32
-
nC
Capacitance Stored Energy(per leg)
EC
VR = 800 V, TJ =25°C
39.24
-
μJ
Thermal-Mechanical Specifications:
Tube Specification
Marking Diagram
Where XXXXX is YYWWL
S4D
= Device Type
D
= Package type
30
= Forward Current (30A)
120
= Reverse Voltage (1200V)
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com