Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM201212-R12K Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # CM201212-R12K
Description  SMT Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM201212-R12K Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  CM201212-R12K Datasheet HTML 1Page - Bourns Electronic Solutions CM201212-R12K Datasheet HTML 2Page - Bourns Electronic Solutions CM201212-R12K Datasheet HTML 3Page - Bourns Electronic Solutions CM201212-R12K Datasheet HTML 4Page - Bourns Electronic Solutions CM201212-R12K Datasheet HTML 5Page - Bourns Electronic Solutions CM201212-R12K Datasheet HTML 6Page - Bourns Electronic Solutions CM201212-R12K Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Specifications are subject to change without notice.
Chip Inductor - CM252016 Series Wirewound
Inductance
Q
Test Frequency
SRF min.
RDC
IDC
Part number
uH
Tolerance
min.
MHz
MHz
ohm max
mA max
CM252016-10NK
0.010
±10%
10
100
2500
0.32
280
CM252016-12NK
0.012
±10%
10
100
2200
0.34
270
CM252016-15NK
0.015
±10%
10
100
1800
0.38
255
CM252016-18NK
0.018
±10%
10
100
1550
0.4
250
CM252016-22NK
0.022
±10%
15
100
1350
0.43
240
CM252016-27NK
0.027
±10%
15
100
1150
0.47
230
CM252016-33NK
0.033
±10%
15
100
1000
0.51
220
CM252016-39NK
0.039
±10%
15
100
890
0.55
215
CM252016-47NK
0.047
±10%
15
100
770
0.59
205
CM252016-56NK
0.056
±10%
15
100
670
0.63
200
CM252016-68NK
0.068
±10%
15
100
590
0.68
190
CM252016-82NK
0.082
±10%
15
100
520
0.73
185
CM252016-R10K
0.10
±10%
10
25.2
460
0.80
175
CM252016-R12K
0.12
±10%
10
25.2
400
0.87
170
CM252016-R15K
0.15
±10%
10
25.2
340
0.98
160
CM252016-R18K
0.18
±10%
10
25.2
300
1.05
155
CM252016-R22M
0.22
±20%
25
25.2
230
0.70
190
CM252016-R27M
0.27
±20%
25
25.2
210
0.75
180
CM252016-R33M
0.33
±20%
25
25.2
190
0.85
170
CM252016-R39M
0.39
±20%
25
25.2
175
0.95
160
CM252016-R47M
0.47
±20%
25
25.2
160
1.00
155
CM252016-R56M
0.56
±20%
25
25.2
150
1.10
150
CM252016-R68M
0.68
±20%
25
25.2
135
1.25
140
CM252016-R82M
0.82
±20%
25
25.2
125
1.40
130
CM252016-1R0K
1.0
±10%
25
7.96
115
0.65
195
CM252016-1R2K
1.2
±10%
25
7.96
100
0.75
180
CM252016-1R5K
1.5
±10%
25
7.96
90
0.85
170
CM252016-1R8K
1.8
±10%
25
7.96
85
0.95
160
CM252016-2R2K
2.2
±10%
25
7.96
80
1.05
155
CM252016-2R7K
2.7
±10%
25
7.96
75
1.2
145
CM252016-3R3K
3.3
±10%
25
7.96
65
1.3
135
CM252016-3R9K
3.9
±10%
25
7.96
60
1.4
130
CM252016-4R7K
4.7
±10%
25
7.96
55
1.6
125
CM252016-5R6K
5.6
±10%
25
7.96
50
1.8
120
CM252016-6R8K
6.8
±10%
25
7.96
45
1.9
115
CM252016-8R2K
8.2
±10%
25
7.96
40
2.2
105
CM252016-100K
10
±10%
25
2.52
32
3.5
80
CM252016-120K
12
±10%
25
2.52
30
3.8
75
CM252016-150K
15
±10%
25
2.52
28
4.4
70
CM252016-180K
18
±10%
25
2.52
25
5.0
65
CM252016-220K
22
±10%
25
2.52
22
5.8
60
CM252016-270K
27
±10%
20
2.52
21
6.3
115
CM252016-330K
33
±10%
20
2.52
20
7.1
110
CM252016-390K
39
±10%
20
2.52
18
9.5
90
CM252016-470K
47
±10%
20
2.52
17
11.0
80
CM252016-560K
56
±10%
20
2.52
16
12.1
75
CM252016-680K
68
±10%
20
2.52
15
16.6
70
CM252016-820K
82
±10%
20
2.52
13
19.0
65
CM252016-101K
100
±10%
15
0.796
12
21.0
60
TIGHTER TOLERANCE AVAILABLE ON REQUEST. CONSULT FACTORY.
COMMENT: 10nH TO 180nH ‘AIR CORE’ / 220nH TO 220uH ‘FERRITE CORE’



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com