Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM201212-R12K Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # CM201212-R12K
Description  SMT Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM201212-R12K Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  CM201212-R12K Datasheet HTML 1Page - Bourns Electronic Solutions CM201212-R12K Datasheet HTML 2Page - Bourns Electronic Solutions CM201212-R12K Datasheet HTML 3Page - Bourns Electronic Solutions CM201212-R12K Datasheet HTML 4Page - Bourns Electronic Solutions CM201212-R12K Datasheet HTML 5Page - Bourns Electronic Solutions CM201212-R12K Datasheet HTML 6Page - Bourns Electronic Solutions CM201212-R12K Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Specifications are subject to change without notice.
Inductance
Q
Test Frequency
SRF min.
RDC
IDC
Part number
uH
Tolerance
min.
MHz
MHz
ohm max
mA max
CM201212-3N9M
0.0039
±20%
6
100
6000
0.1
540
CM201212-4N7M
0.0074
±20%
6
100
6000
0.1
540
CM201212-5N6M
0.0056
±20%
6
100
5000
0.12
540
CM201212-6N8M
0.0068
±20%
8
100
5000
0.15
540
CM201212-8N2M
0.0082
±20%
8
100
5000
0.16
540
CM201212-10NK
0.010
±10%
10
100
3300
0.20
540
CM201212-12NK
0.012
±10%
10
100
3300
0.23
535
CM201212-15NK
0.015
±10%
12
100
3000
0.25
520
CM201212-18NK
0.018
±10%
12
100
3000
0.27
480
CM201212-22NK
0.022
±10%
15
100
2600
0.29
465
CM201212-27NK
0.027
±10%
15
100
2500
0.32
455
CM201212-33NK
0.033
±10%
15
100
2000
0.37
395
CM201212-39NK
0.039
±10%
15
100
2000
0.38
390
CM201212-47NK
0.047
±10%
15
100
1600
0.42
385
CM201212-56NK
0.056
±10%
15
100
1500
0.45
360
CM201212-68NK
0.068
±10%
15
100
1400
0.52
340
CM201212-82NK
0.082
±10%
15
100
1100
0.60
330
CM201212-R10K
0.10
±10%
8
25.2
800
0.78
285
CM201212-R12K
0.12
±10%
8
25.2
600
0.99
275
CM201212-R15K
0.15
±10%
10
25.2
600
1.47
230
CM201212-R18K
0.18
±10%
10
25.2
600
1.61
195
CM201212-R22K
0.22
±10%
10
25.2
500
1.84
170
CM201212-R27K
0.27
±10%
10
25.2
300
1.95
165
CM201212-R33K
0.33
±10%
10
25.2
200
2.16
160
CM201212-R39K
0.39
±10%
10
25.2
150
2.35
150
CM201212-R47K
0.47
±10%
10
25.2
150
2.57
145
CM201212-R56K
0.56
±10%
10
25.2
100
2.65
140
CM201212-R68K
0.68
±10%
10
25.2
100
2.99
130
CM201212-R82K
0.82
±10%
10
25.2
80
3.35
125
CM201212-1R0K
1.0
±10%
8
7.96
80
3.82
120
TIGHTER TOLERANCE AVAILABLE ON REQUEST. CONSULT FACTORY.
Chip Inductor - CM201212 Series Wirewound



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com